Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4970N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD4970N
Description  30 V, 36 A, Single N.Channel, DPAK/IPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4970N Datasheet(HTML) 5 Page - ON Semiconductor

  NTD4970N Datasheet HTML 1Page - ON Semiconductor NTD4970N Datasheet HTML 2Page - ON Semiconductor NTD4970N Datasheet HTML 3Page - ON Semiconductor NTD4970N Datasheet HTML 4Page - ON Semiconductor NTD4970N Datasheet HTML 5Page - ON Semiconductor NTD4970N Datasheet HTML 6Page - ON Semiconductor NTD4970N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTD4970N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
0 V < VGS < 10 V
Single Pulse
TC = 25°C
015
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
5
TJ = 25°C
Coss
Crss
Ciss
Figure 8. Gate−to−Source and Drain−to−Source
Voltage vs. Total Charge
4
0
QG, TOTAL GATE CHARGE (nC)
2
8
ID = 30 A
TJ = 25°C
VDD = 15 V
VGS = 10 A
QT
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
20
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 15 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
30
6
Qgs
VGS = 0 V
Qgd
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10 ms
100 ms
1 ms
10 ms
dc
VDD = 15 V
ID = 15 A
VGS = 10 V
td(off)
td(on)
tf
tr
1
10
3
5
7
9
10
25
0
200
400
600
800
1000
1200
03
14
6
25
7
10
811
13
912
14
1
10
1
10
100
100
1000
0
10
0.3
0.7
1.0
20
30
5
15
25
0.5
0.8
0.6
0.9
TJ = 125°C
1
10
1
10
100
100
1000
0.1
0.01
0.1
0.01
15 16
100
300
500
700
900
1100
0.4
0
1
2
3
4
5
6
7
8
9
10
11
12
25
50
75
100
125
150
175


Similar Part No. - NTD4970N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4970N ONSEMI-NTD4970N Datasheet
123Kb / 7P
   Power MOSFET 30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD4970N ONSEMI-NTD4970N Datasheet
113Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTD4970N-1G VBSEMI-NTD4970N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4970N-35G ONSEMI-NTD4970N-35G Datasheet
123Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTD4970N-35G VBSEMI-NTD4970N-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4970N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4970NT4G ONSEMI-NTD4970NT4G Datasheet
113Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 1
NTD4970N-35G ONSEMI-NTD4970N-35G Datasheet
123Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD4970N ONSEMI-NTD4970N Datasheet
123Kb / 7P
   Power MOSFET 30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
NVD4806NT4G ONSEMI-NVD4806NT4G Datasheet
123Kb / 8P
   30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4979NT4G ONSEMI-NTD4979NT4G Datasheet
123Kb / 7P
   30 V, 41 A, Single N?묬hannel, DPAK/IPAK
January, 2012 ??Rev. 0
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com