Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD82C89 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD82C89
Description  CMOS Bus Arbiter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C89 Datasheet(HTML) 5 Page - Intersil Corporation

  CD82C89 Datasheet HTML 1Page - Intersil Corporation CD82C89 Datasheet HTML 2Page - Intersil Corporation CD82C89 Datasheet HTML 3Page - Intersil Corporation CD82C89 Datasheet HTML 4Page - Intersil Corporation CD82C89 Datasheet HTML 5Page - Intersil Corporation CD82C89 Datasheet HTML 6Page - Intersil Corporation CD82C89 Datasheet HTML 7Page - Intersil Corporation CD82C89 Datasheet HTML 8Page - Intersil Corporation CD82C89 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4-347
Serial Priority Resolving
The serial priority resolving technique eliminates the need
for the priority encoder-decoder arrangement by daisychain-
ing the bus arbiters together, connecting the higher priority
bus arbiter’s BPRO (Bus Priority Out) output to the BPRN of
the next lower priority. See Figure 3.
Rotating Priority Resolving
The rotating priority resolving technique is similar to that of
the parallel priority resolving technique except that priority is
dynamically re-assigned. The priority encoder is replaced by
a more complex circuit which rotates priority between
requesting arbiters thus allowing each arbiter an equal
chance to use the multi-master system bus, over time.
Which Priority Resolving Technique To Use
There are advantages and disadvantages for each of the
techniques described above. The rotating priority resolving
technique requires substantial external logic to implement
while the serial technique uses no external logic but can
accommodate only a limited number of bus arbiters before the
daisy-chain propagation delay exceeds the multimaster’s sys-
tem bus clock (BCLK). The parallel priority resolving tech-
nique is in general a good compromise between the other two
techniques. It allows for many arbiters to be present on the
bus while not requiring too much logic to implement.
82C89 Modes Of Operation
There are two types of processors for which the 82C89 will
provide support: An Input/Output processor (i.e. an NMOS
8089 IOP) and the 80C86, 80C88. Consequently, there are
two basic operating modes in the 82C89 bus arbiter. One,
the IOB (I/O Peripheral Bus) mode, permits the processor
access to both an I/O Peripheral Bus and a multi-master sys-
tem bus. The second, the RESB (Resident Bus mode), per-
mits the processor to communicate over both a Resident
Bus and a multi-master system bus. An I/O Peripheral Bus is
a bus where all devices on that bus, including memory, are
treated as I/O devices and are addressed by I/O commands.
All memory commands are directed to another bus, the
multi-master system bus. A Resident Bus can issue both
memory and I/O commands, but it is a distinct and separate
bus from the multi-master system bus. The distinction is that
the Resident Bus has only one master, providing full avail-
ability and being dedicated to that one master.
The IOB strapping option configures the 82C89 Bus Arbiter
into the IOB mode and the strapping option RESB config-
ures it into the RESB mode. It might be noted at this point
that if both strapping options are strapped false, the arbiter
interfaces the processor to a multi-master system bus only
(see Figure 4). With both options strapped true, the arbiter
interfaces the processor to a multi-master system bus, a
Resident Bus, and an I/O Bus.
In the IOB mode, the processor communicates and controls
a host of peripherals over the Peripheral Bus. When the I/O
Processor needs to communicate with system memory, it
does so over the system memory bus. Figure 5 shows a pos-
sible I/O Processor system configuration.
The 80C86 and 80C88 processors can communicate with a
Resident Bus and a multi-master system bus. Two bus con-
trollers and only one Bus Arbiter would be needed in such a
configuration as shown in Figure 6. In such a system config-
uration the processor would have access to memory and
peripherals of both busses. Memory mapping techniques are
applied to select which bus is to be accessed. The
SYSB/RESB input on the arbiter serves to instruct the arbi-
ter as to whether or not the system bus is to be accessed.
The signal connected to SYSB/RESB also enables or dis-
ables commands from one of the bus controllers. A sum-
mary of the modes that the 82C89 has, along with its
response to its status lines inputs, is shown in Table 1.
BUS
ARBITER
1
BUS
ARBITER
2
BUS
ARBITER
3
BUS
ARBITER
4
BPRN
BUSY
CBRQ
BPRO
BPRO
BPRO
BPRO
BPRN
BPRN
BPRN
FIGURE 3. SERIAL PRIORITY RESOLVING
NOTE: The number of arbiters that may be daisy-chained together
in the serial priority resolving scheme is a function of BCLK and the
propagation delay from arbiter to arbiter. Normally, at 10MHz only 3
arbiters may be daisychained.
82C89


Similar Part No. - CD82C89

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD82C82 INTERSIL-CD82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
CD82C82 INTERSIL-CD82C82 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
CD82C83H INTERSIL-CD82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
CD82C84A INTERSIL-CD82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
CD82C84A INTERSIL-CD82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - CD82C89

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
   CMOS Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
   CMOS Bus Arbiter
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
   4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
   Bus Arbiter for SAB80286 Processors
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
   PCI Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
   PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
   PCI Arbiter Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com