Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C55A Datasheet(PDF) 4 Page - Intersil Corporation

Part # IS82C55A
Description  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C55A Datasheet(HTML) 4 Page - Intersil Corporation

  IS82C55A Datasheet HTML 1Page - Intersil Corporation IS82C55A Datasheet HTML 2Page - Intersil Corporation IS82C55A Datasheet HTML 3Page - Intersil Corporation IS82C55A Datasheet HTML 4Page - Intersil Corporation IS82C55A Datasheet HTML 5Page - Intersil Corporation IS82C55A Datasheet HTML 6Page - Intersil Corporation IS82C55A Datasheet HTML 7Page - Intersil Corporation IS82C55A Datasheet HTML 8Page - Intersil Corporation IS82C55A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Ports A, B, and C
The 82C55A contains three 8-bit ports (A, B, and C). All can
be configured to a wide variety of functional characteristics
by the system software but each has its own special features
or “personality” to further enhance the power and flexibility of
the 82C55A.
Port A One 8-bit data output latch/buffer and one 8-bit data
input latch. Both “pull-up” and “pull-down” bus-hold devices
are present on Port A. See Figure 2A.
Port B One 8-bit data input/output latch/buffer and one 8-bit
data input buffer. See Figure 2B.
Port C One 8-bit data output latch/buffer and one 8-bit data
input buffer (no latch for input). This port can be divided into
two 4-bit ports under the mode control. Each 4-bit port con-
tains a 4-bit latch and it can be used for the control signal
output and status signal inputs in conjunction with ports A
and B. See Figure 2B.
Operational Description
Mode Selection
There are three basic modes of operation than can be
selected by the system software:
Mode 0 - Basic Input/Output
Mode 1 - Strobed Input/Output
Mode 2 - Bi-directional Bus
When the reset input goes “high”, all ports will be set to the
input mode with all 24 port lines held at a logic “one” level by
internal bus hold devices. After the reset is removed, the
82C55A can remain in the input mode with no additional ini-
tialization required. This eliminates the need to pullup or pull-
down resistors in all-CMOS designs. The control word
register will contain 9Bh. During the execution of the system
program, any of the other modes may be selected using a
single output instruction. This allows a single 82C55A to
service a variety of peripheral devices with a simple software
maintenance routine. Any port programmed as an output
port is initialized to all zeros when the control word is written.
FIGURE 2A. PORT A BUS-HOLD CONFIGURATION
FIGURE 2B. PORT B AND C BUS-HOLD CONFIGURATION
FIGURE 2. BUS-HOLD CONFIGURATION
MASTER
RESET
OR MODE
CHANGE
INTERNAL
DATA IN
INTERNAL
DATA OUT
(LATCHED)
EXTERNAL
PORT A PIN
OUTPUT MODE
INPUT MODE
RESET
OR MODE
CHANGE
INTERNAL
DATA IN
INTERNAL
DATA OUT
(LATCHED)
EXTERNAL
PORT B, C
OUTPUT MODE
PIN
P
VCC
FIGURE 3. BASIC MODE DEFINITIONS AND BUS INTERFACE
DATA BUS
8
I/O
B
PB7-PB0
4
I/O
PC3-PC0
4
I/O
C
PC7-PC4
8
I/O
A
PA7-PA0
CONTROL BUS
ADDRESS BUS
RD, WR
82C55A
D7-D0
A0-A1
CS
MODE 0
8
I/O
B
PB7-PB0
CONTROL
C
8
I/O
A
PA7-PA0
MODE 1
OR I/O
CONTROL
OR I/O
8
I/O
B
PB7-PB0
C
BI-
A
PA7-PA0
MODE 2
CONTROL
DIRECTIONAL
FIGURE 4. MODE DEFINITION FORMAT
D7 D6 D5
D4 D3 D2 D1 D0
PORT C (LOWER)
1 = INPUT
0 = OUTPUT
PORT B
1 = INPUT
0 = OUTPUT
MODE SELECTION
0 = MODE 0
1 = MODE 1
GROUP B
PORT C (UPPER)
1 = INPUT
0 = OUTPUT
PORT A
1 = INPUT
0 = OUTPUT
MODE SELECTION
00 = MODE 0
01 = MODE 1
GROUP A
1X = MODE 2
MODE SET FLAG
1 = ACTIVE
CONTROL WORD
82C55A


Similar Part No. - IS82C55A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
IS82C55A HARRIS-IS82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
IS82C55A INTERSIL-IS82C55A Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
IS82C55A INTERSIL-IS82C55A Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
IS82C55A-5 HARRIS-IS82C55A-5 Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
IS82C55A-5 INTERSIL-IS82C55A-5 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results

Similar Description - IS82C55A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com