Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS10DMSR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ACS10DMSR
Description  Radiation Hardened Triple Three-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS10DMSR Datasheet(HTML) 6 Page - Intersil Corporation

  ACS10DMSR Datasheet HTML 1Page - Intersil Corporation ACS10DMSR Datasheet HTML 2Page - Intersil Corporation ACS10DMSR Datasheet HTML 3Page - Intersil Corporation ACS10DMSR Datasheet HTML 4Page - Intersil Corporation ACS10DMSR Datasheet HTML 5Page - Intersil Corporation ACS10DMSR Datasheet HTML 6Page - Intersil Corporation ACS10DMSR Datasheet HTML 7Page - Intersil Corporation ACS10DMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ACS10MS
Metallization Mask Layout
ACS10MS
B1
(02)
A1
(01)
VCC
(14)
C1
(13)
A3
(09)
Y3
(08)
GND
(07)
Y2
(06)
A2 (03)
B2 (04)
NC
C2 (05)
(10) B3
NC
(11) C3
(12) Y1
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2,240mm x 2,240mm
METALLIZATION:
Type: AlSiCu
Metal 1 Thickness: 6.75k
Å (Min), 8.25kÅ (Max)
Metal 2 Thickness: 9k
Å (Min), 11kÅ (Max)
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
DIE ATTACH:
Material: Silver Glass or JM 7000 after 7/1/95
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm
Spec Number
518814


Similar Part No. - ACS10DMSR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS10DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com