Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ID82C55A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ID82C55A
Description  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ID82C55A Datasheet(HTML) 2 Page - Intersil Corporation

  ID82C55A Datasheet HTML 1Page - Intersil Corporation ID82C55A Datasheet HTML 2Page - Intersil Corporation ID82C55A Datasheet HTML 3Page - Intersil Corporation ID82C55A Datasheet HTML 4Page - Intersil Corporation ID82C55A Datasheet HTML 5Page - Intersil Corporation ID82C55A Datasheet HTML 6Page - Intersil Corporation ID82C55A Datasheet HTML 7Page - Intersil Corporation ID82C55A Datasheet HTML 8Page - Intersil Corporation ID82C55A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Functional Diagram
Pin Description
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
VCC
26
VCC: The +5V power supply pin. A 0.1µF capacitor between pins 26 and 7 is
recommended for decoupling.
GND
7
GROUND
D0-D7
27-34
I/O
DATA BUS: The Data Bus lines are bidirectional three-state pins connected to the
system data bus.
RESET
35
I
RESET: A high on this input clears the control register and all ports (A, B, C) are set
to the input mode with the “Bus Hold” circuitry turned on.
CS
6
I
CHIP SELECT: Chip select is an active low input used to enable the 82C55A onto the
Data Bus for CPU communications.
RD
5
I
READ: Read is an active low input control signal used by the CPU to read status
information or data via the data bus.
WR
36
I
WRITE: Write is an active low input control signal used by the CPU to load control
words and data into the 82C55A.
A0-A1
8, 9
I
ADDRESS: These input signals, in conjunction with the RD and WR inputs, control
the selection of one of the three ports or the control word register. A0 and A1 are
normally connected to the least significant bits of the Address Bus A0, A1.
PA0-PA7
1-4, 37-40
I/O
PORT A: 8-bit input and output port. Both bus hold high and bus hold low circuitry are
present on this port.
PB0-PB7
18-25
I/O
PORT B: 8-bit input and output port. Bus hold high circuitry is present on this port.
PC0-PC7
10-17
I/O
PORT C: 8-bit input and output port. Bus hold circuitry is present on this port.
GROUP A
PORT A
(8)
GROUP A
PORT C
UPPER
(4)
GROUP B
PORT C
LOWER
(4)
GROUP B
PORT B
(8)
GROUP B
CONTROL
GROUP A
CONTROL
DATA BUS
BUFFER
READ
WRITE
CONTROL
LOGIC
RD
WR
A1
A0
RESET
CS
D7-D0
POWER
SUPPLIES
+5V
GND
BI-DIRECTIONAL
DATA BUS
I/O
PA7-PA0
I/O
PC7-PC4
I/O
PC3-PC0
I/O
PB7-PB0
8-BIT
INTERNAL
DATA BUS
82C55A


Similar Part No. - ID82C55A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ID82C55A HARRIS-ID82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
ID82C55A INTERSIL-ID82C55A Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
ID82C55A INTERSIL-ID82C55A Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
ID82C55A-5 HARRIS-ID82C55A-5 Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
More results

Similar Description - ID82C55A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com