Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7277BRMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7277BRMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277BRMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7277BRMZ Datasheet HTML 1Page - Analog Devices AD7277BRMZ Datasheet HTML 2Page - Analog Devices AD7277BRMZ Datasheet HTML 3Page - Analog Devices AD7277BRMZ Datasheet HTML 4Page - Analog Devices AD7277BRMZ Datasheet HTML 5Page - Analog Devices AD7277BRMZ Datasheet HTML 6Page - Analog Devices AD7277BRMZ Datasheet HTML 7Page - Analog Devices AD7277BRMZ Datasheet HTML 8Page - Analog Devices AD7277BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 4 of 28
Parameter
A Grade2, 3
B, Y Grade2,3
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
291
291
ns max
14 SCLK cycles with SCLK at 48 MHz, B Grade
875
875
ns max
14 SCLK cycles with SCLK at 16 MHz, Y Grade
Track-and-Hold Acquisition Time4
60
60
ns min
Throughput Rate
3
3
MSPS max
See the Serial Interface section
POWER REQUIREMENTS
VDD
2.35/3.6
2.35/3.6
V min/max
IDD
Digital I/Ps 0 V or VDD
Normal Mode (Static)
1
1
mA typ
VDD = 3.6 V, SCLK on or off
Normal Mode (Operational)
5.5
5.5
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 3 MSPS, B Grade
2.5
2.5
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 1 MSPS, Y Grade
4.2
4.2
mA typ
VDD = 3 V, fSAMPLE = 3 MSPS, B Grade
1.6
1.6
mA typ
VDD = 3 V, fSAMPLE = 1 MSPS, Y Grade
Partial Power-Down Mode (Static)
34
34
μA typ
Full Power-Down Mode (Static)
2
2
μA max
−40°C to +85°C, typically 0.1 μA
10
10
μA max
85°C to 125°C
Power Dissipation6
Normal Mode (Operational)
19.8
19.8
mW max
VDD = 3.6 V, fSAMPLE = 3 MSPS, B Grade
9
9
mW max
VDD = 3.6 V, fSAMPLE = 1 MSPS, Y Grade
12.6
12.6
mW typ
VDD = 3 V, fSAMPLE = 3 MSPS, B Grade
4.8
4.8
mW typ
VDD = 3 V, fSAMPLE = 1 MSPS, Y Grade
Partial Power-Down
102
102
μW typ
VDD = 3 V
Full Power-Down
7.2
7.2
μW max
VDD = 3.6 V, −40°C to +85°C
1 Y Grade specifications are guaranteed by characterization.
2 Temperature range from −40°C to +125°C.
3 Typical specifications are tested with VDD = 3 V and at 25°C.
4 See the Terminology section.
5 Guaranteed by characterization.
6 See the Power vs. Throughput Rate section.


Similar Part No. - AD7277BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7277BRMZ AD-AD7277BRMZ Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277BRMZ AD-AD7277BRMZ Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7277BRMZ-REEL AD-AD7277BRMZ-REEL Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277BRMZ-REEL AD-AD7277BRMZ-REEL Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7277BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com