Electronic Components Datasheet Search |
|
JCD0612S15 Datasheet(PDF) 3 Page - XP Power Limited |
|
JCD0612S15 Datasheet(HTML) 3 Page - XP Power Limited |
3 / 4 page Application Notes JCD05 Models and Ratings Derating Curve Notes Notes 1. When one output is set at 100% load and the other varies between 25% & 100% load. 2. Measured with 20 MHz bandwidth and 1 µF ceramic capacitor across output rails. 3. Input current specified at nominal 5 V, 12 V, 24 V or 48 V input. 4. For optional 3500 VDC isolation add suffix -H to part number e.g. JCD0524S12-H Mechanical Details Input Voltage Output Voltage Output Current Input Current(1) Maximum Capacitive Load Efficiency Model Number(4) No Load Full Load 4.5-9 VDC 3.3 V 1300 mA 25 mA 1159 mA 1000 µF 74% JCD0505S3V3 5.0 V 1000 mA 25 mA 1298 mA 1000 µF 77% JCD0505S05 12.0 V 417 mA 30 mA 1220 mA 330 µF 82% JCD0505S12 15.0 V 333 mA 30 mA 1218 mA 220 µF 82% JCD0505S15 ±3.3 V ±750 mA 25 mA 1302 mA ±680 µF 76% JCD0505D03 ±5.0 V ±500 mA 30 mA 1265 mA ±330 µF 79% JCD0505D05 ±12.0 V ±208 mA 35 mA 1217 mA ±100 µF 82% JCD0505D12 ±15.0 V ±167 mA 40 mA 1221 mA ±47 µF 82% JCD0505D15 9-18 VDC 3.3 V 1300 mA 30 mA 483 mA 1000 µF 74% JCD0512S3V3 5.0 V 1000 mA 30 mA 541 mA 1000 µF 77% JCD0512S05 9.0 V 555 mA 30 mA 520 mA 470 µF 80% JCD0512S09 12.0 V 417 mA 30 mA 508 mA 330 µF 82% JCD0512S12 15.0 V 333 mA 30 mA 508 mA 100 µF 82% JCD0512S15 24.0 V 208 mA 30 mA 508 mA 68 µF 82% JCD0512S24 ±3.3 V ±750 mA 30 mA 595 mA ±1000 µF 70% JCD0512D03 ±5.0 V ±500 mA 30 mA 541 mA ±1000 µF 77% JCD0512D05 ±9.0 V ±278 mA 30 mA 527 mA ±330 µF 79% JCD0512D09 ±12.0 V ±208 mA 30 mA 520 mA ±47 µF 80% JCD0512D12 ±15.0 V ±167 mA 30 mA 527 mA ±47 µF 79% JCD0512D15 ±24.0 V ±104 mA 30 mA 514 mA ±10 µF 81% JCD0512D24 18-36 VDC 3.3 V 1300 mA 20 mA 239 mA 1000 µF 75% JCD0524S3V3 5.0 V 1000 mA 20 mA 261 mA 1000 µF 80% JCD0524S05 9.0 V 555 mA 20 mA 254 mA 470 µF 82% JCD0524S09 12.0 V 417 mA 20 mA 251 mA 1000 µF 83% JCD0524S12 15.0 V 333 mA 20 mA 248 mA 220 µF 84% JCD0524S15 24.0 V 208 mA 20 mA 248 mA 1000 µF 84% JCD0524S24 ±3.3 V ±750 mA 20 mA 274 mA ±470 µF 76% JCD0524D03 ±5.0 V ±500 mA 20 mA 263 mA ±680 µF 79% JCD0524D05 ±9.0 V ±278 mA 20 mA 251 mA ±220 µF 83% JCD0524D09 ±12.0 V ±208 mA 20 mA 251 mA ±220 µF 83% JCD0524D12 ±15.0 V ±167 mA 20 mA 251 mA ±22 µF 83% JCD0524D15 ±24.0 V ±104 mA 20 mA 254 mA ±22 µF 82% JCD0524D24 36-72 VDC 3.3 V 1300 mA 12 mA 117 mA 1000 µF 76% JCD0548S3V3 5.0 V 1000 mA 12 mA 130 mA 1000 µF 80% JCD0548S05 9.0 V 555 mA 12 mA 124 mA 100 µF 84% JCD0548S09 12.0 V 417 mA 12 mA 132 mA 470 µF 80% JCD0548S12 15.0 V 333 mA 12 mA 127 mA 330 µF 82% JCD0548S15 24.0 V 208 mA 12 mA 122 mA 220 µF 85% JCD0548S24 ±3.3 V ±750 mA 12 mA 140 mA ±1000 µF 74% JCD0548D03 ±5.0 V ±500 mA 12 mA 130 mA ±470 µF 80% JCD0548D05 ±9.0 V ±278 mA 12 mA 127 mA ±220 µF 82% JCD0548D09 ±12.0 V ±208 mA 12 mA 124 mA ±100 µF 84% JCD0548D12 ±15.0 V ±167 mA 12 mA 128 mA ±220 µF 81% JCD0548D15 ±24.0 V ±104 mA 12 mA 128 mA ±22 µF 81% JCD0548D24 Bottom View 1.25 (31.75) 0.90 (22.86) 0.80 (20.32) 0.60 (15.24) DIA 0.02 (0.50) 0.10 (2.54) 0.20 (5.08) 23 22 16 14 23 9 11 0.40 (10.40) 0.12 (3.00) Min. Input Filter 1. All dimensions are in inches (mm) 2. Weight: 0.04 lbs (18 g) approx. 3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005) 4. Pin pitch and length tolerance: ±0.014 (±0.35) 5. Case tolerance: ±0.02 (±0.5) 6. Package: 24 pin DIL nickel-coated copper Pin Single Dual 2 -Vin -Vin 3 -Vin -Vin 9 No Pin Common 11 N.C. -Vout 14 +Vout +Vout 16 -Vout Common 22 +Vin +Vin 23 +Vin +Vin -40 -20 0 10 20 30 40 50 60 70 80 90 100 20 40 60 80 100 Ambient Temperature (ºC) 0 12, 24 & 48 V input 5 V input DC/DC Converter +Vin +Vout LOAD 220 µF + - 12 µH -Vin -Vout |
Similar Part No. - JCD0612S15 |
|
Similar Description - JCD0612S15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |