Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCD0612D09 Datasheet(PDF) 3 Page - XP Power Limited

Part # JCD0612D09
Description  2 1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCD0612D09 Datasheet(HTML) 3 Page - XP Power Limited

  JCD0612D09 Datasheet HTML 1Page - XP Power Limited JCD0612D09 Datasheet HTML 2Page - XP Power Limited JCD0612D09 Datasheet HTML 3Page - XP Power Limited JCD0612D09 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Application Notes
JCD05
Models and Ratings
Derating Curve
Notes
Notes
1. When one output is set at 100% load and the other varies between 25% & 100% load.
2. Measured with 20 MHz bandwidth and 1 µF ceramic capacitor across output rails.
3. Input current specified at nominal 5 V, 12 V, 24 V or 48 V input.
4. For optional 3500 VDC isolation add suffix -H to part number e.g.
JCD0524S12-H
Mechanical Details
Input Voltage
Output
Voltage
Output
Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number(4)
No Load
Full Load
4.5-9 VDC
3.3 V
1300 mA
25 mA
1159 mA
1000 µF
74%
JCD0505S3V3
5.0 V
1000 mA
25 mA
1298 mA
1000 µF
77%
JCD0505S05
12.0 V
417 mA
30 mA
1220 mA
330 µF
82%
JCD0505S12
15.0 V
333 mA
30 mA
1218 mA
220 µF
82%
JCD0505S15
±3.3 V
±750 mA
25 mA
1302 mA
±680 µF
76%
JCD0505D03
±5.0 V
±500 mA
30 mA
1265 mA
±330 µF
79%
JCD0505D05
±12.0 V
±208 mA
35 mA
1217 mA
±100 µF
82%
JCD0505D12
±15.0 V
±167 mA
40 mA
1221 mA
±47 µF
82%
JCD0505D15
9-18 VDC
3.3 V
1300 mA
30 mA
483 mA
1000 µF
74%
JCD0512S3V3
5.0 V
1000 mA
30 mA
541 mA
1000 µF
77%
JCD0512S05
9.0 V
555 mA
30 mA
520 mA
470 µF
80%
JCD0512S09
12.0 V
417 mA
30 mA
508 mA
330 µF
82%
JCD0512S12
15.0 V
333 mA
30 mA
508 mA
100 µF
82%
JCD0512S15
24.0 V
208 mA
30 mA
508 mA
68 µF
82%
JCD0512S24
±3.3 V
±750 mA
30 mA
595 mA
±1000 µF
70%
JCD0512D03
±5.0 V
±500 mA
30 mA
541 mA
±1000 µF
77%
JCD0512D05
±9.0 V
±278 mA
30 mA
527 mA
±330 µF
79%
JCD0512D09
±12.0 V
±208 mA
30 mA
520 mA
±47 µF
80%
JCD0512D12
±15.0 V
±167 mA
30 mA
527 mA
±47 µF
79%
JCD0512D15
±24.0 V
±104 mA
30 mA
514 mA
±10 µF
81%
JCD0512D24
18-36 VDC
3.3 V
1300 mA
20 mA
239 mA
1000 µF
75%
JCD0524S3V3
5.0 V
1000 mA
20 mA
261 mA
1000 µF
80%
JCD0524S05
9.0 V
555 mA
20 mA
254 mA
470 µF
82%
JCD0524S09
12.0 V
417 mA
20 mA
251 mA
1000 µF
83%
JCD0524S12
15.0 V
333 mA
20 mA
248 mA
220 µF
84%
JCD0524S15
24.0 V
208 mA
20 mA
248 mA
1000 µF
84%
JCD0524S24
±3.3 V
±750 mA
20 mA
274 mA
±470 µF
76%
JCD0524D03
±5.0 V
±500 mA
20 mA
263 mA
±680 µF
79%
JCD0524D05
±9.0 V
±278 mA
20 mA
251 mA
±220 µF
83%
JCD0524D09
±12.0 V
±208 mA
20 mA
251 mA
±220 µF
83%
JCD0524D12
±15.0 V
±167 mA
20 mA
251 mA
±22 µF
83%
JCD0524D15
±24.0 V
±104 mA
20 mA
254 mA
±22 µF
82%
JCD0524D24
36-72 VDC
3.3 V
1300 mA
12 mA
117 mA
1000 µF
76%
JCD0548S3V3
5.0 V
1000 mA
12 mA
130 mA
1000 µF
80%
JCD0548S05
9.0 V
555 mA
12 mA
124 mA
100 µF
84%
JCD0548S09
12.0 V
417 mA
12 mA
132 mA
470 µF
80%
JCD0548S12
15.0 V
333 mA
12 mA
127 mA
330 µF
82%
JCD0548S15
24.0 V
208 mA
12 mA
122 mA
220 µF
85%
JCD0548S24
±3.3 V
±750 mA
12 mA
140 mA
±1000 µF
74%
JCD0548D03
±5.0 V
±500 mA
12 mA
130 mA
±470 µF
80%
JCD0548D05
±9.0 V
±278 mA
12 mA
127 mA
±220 µF
82%
JCD0548D09
±12.0 V
±208 mA
12 mA
124 mA
±100 µF
84%
JCD0548D12
±15.0 V
±167 mA
12 mA
128 mA
±220 µF
81%
JCD0548D15
±24.0 V
±104 mA
12 mA
128 mA
±22 µF
81%
JCD0548D24
Bottom View
1.25
(31.75)
0.90
(22.86)
0.80
(20.32)
0.60
(15.24)
DIA
0.02
(0.50)
0.10
(2.54)
0.20
(5.08)
23
22
16 14
23
9
11
0.40 (10.40)
0.12 (3.00) Min.
Input Filter
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (18 g) approx.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Package: 24 pin DIL nickel-coated copper
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
12, 24 & 48 V input
5 V input
DC/DC
Converter
+Vin
+Vout
LOAD
220 µF
+
-
12 µH
-Vin
-Vout


Similar Part No. - JCD0612D09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0612D09 XPPOWER-JCD0612D09 Datasheet
105Kb / 2P
   Industry Standard Package
More results

Similar Description - JCD0612D09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SF_JCK15 XPPOWER-SF_JCK15 Datasheet
287Kb / 2P
   2:1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
JCK3024S05 XPPOWER-JCK3024S05 Datasheet
82Kb / 2P
   2 1 Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com