Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS10HMSR Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS10HMSR
Description  Radiation Hardened Triple Three-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS10HMSR Datasheet(HTML) 3 Page - Intersil Corporation

  ACS10HMSR Datasheet HTML 1Page - Intersil Corporation ACS10HMSR Datasheet HTML 2Page - Intersil Corporation ACS10HMSR Datasheet HTML 3Page - Intersil Corporation ACS10HMSR Datasheet HTML 4Page - Intersil Corporation ACS10HMSR Datasheet HTML 5Page - Intersil Corporation ACS10HMSR Datasheet HTML 6Page - Intersil Corporation ACS10HMSR Datasheet HTML 7Page - Intersil Corporation ACS10HMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Specifications ACS10MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
13
ns
10, 11
+125oC, -55oC
2
16
ns
TPLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
12
ns
10, 11
+125oC, -55oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC
-
30
-
pF
+125oC
-
32
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
+125oC-
-
10
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMP
RAD LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
100
µA
Output Current (Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V, VIL = 0
+25oC-8
-
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V,
VIL = 0
+25oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = -50
µA
+25oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
µA
+25oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = 50
µA
+25oC
-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = 50
µA
+25oC
-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±1
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, (Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
16
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
Spec Number
518814


Similar Part No. - ACS10HMSR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS10HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com