Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C86H Datasheet(PDF) 7 Page - Intersil Corporation

Part # IS82C86H
Description  CMOS Octal Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C86H Datasheet(HTML) 7 Page - Intersil Corporation

  IS82C86H Datasheet HTML 1Page - Intersil Corporation IS82C86H Datasheet HTML 2Page - Intersil Corporation IS82C86H Datasheet HTML 3Page - Intersil Corporation IS82C86H Datasheet HTML 4Page - Intersil Corporation IS82C86H Datasheet HTML 5Page - Intersil Corporation IS82C86H Datasheet HTML 6Page - Intersil Corporation IS82C86H Datasheet HTML 7Page - Intersil Corporation IS82C86H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-323
MR82C86H CLCC
NOTES:
1. VCC = 5.5V ± 0.5V, GND = 0V
2. VIH = 4.5V ± 10%
3. VIL = -0.2V to 0.4V
4. R1 = 47k
Ω± 5%
5. R2 = 2.4k
Ω± 5%
6. R3 = 1.5k
Ω± 5%
7. R4 = 1k
Ω± 5%
8. R5 = 5k
Ω± 5%
9. C1 = 0.01
µF minimum
10. F0 = 100kHz
± 10%
11. F1 = F0/2, F2 = F1/2, F3 = F2/2
Burn-In Circuits (Continued)
4
5
6
7
8
910
11
12
13
15
14
18
17
16
VCC
C1
F2
F2
R5
F2
R5
R5
F3
R5
F1
F0
F3
F2
F2
F2
F2
F2
R5
R5
R5
R5
R5
F3
F3
F3
F3
F3
R5
R5
R5
R5
R5
R4
R4
R5
R5
F3
32
1
20
19
82C86H
82C86H


Similar Part No. - IS82C86H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C82 INTERSIL-IS82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
IS82C82 INTERSIL-IS82C82 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
IS82C83H INTERSIL-IS82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
IS82C84A INTERSIL-IS82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
IS82C84A INTERSIL-IS82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - IS82C86H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com