Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR82C54-10B Datasheet(PDF) 11 Page - Intersil Corporation

Part # MR82C54-10B
Description  CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MR82C54-10B Datasheet(HTML) 11 Page - Intersil Corporation

Back Button MR82C54-10B Datasheet HTML 7Page - Intersil Corporation MR82C54-10B Datasheet HTML 8Page - Intersil Corporation MR82C54-10B Datasheet HTML 9Page - Intersil Corporation MR82C54-10B Datasheet HTML 10Page - Intersil Corporation MR82C54-10B Datasheet HTML 11Page - Intersil Corporation MR82C54-10B Datasheet HTML 12Page - Intersil Corporation MR82C54-10B Datasheet HTML 13Page - Intersil Corporation MR82C54-10B Datasheet HTML 14Page - Intersil Corporation MR82C54-10B Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
4-11
FIGURE 13. MODE 4
Mode 5: Hardware Triggered Strobe (Retriggerable)
OUT will initially be high. Counting is triggered by a rising
edge of GATE. When the initial count has expired, OUT will
go low for one CLK pulse and then go high again.
After writing the Control Word and initial count, the counter
will not be loaded until the CLK pulse after a trigger. This
CLK pulse does not decrement the count, so for an initial
count of N, OUT does not strobe low until N + 1 CLK pulses
after trigger.
A trigger results in the Counter being loaded with the initial
count on the next CLK pulse. The counting sequence is trig-
gerable. OUT will not strobe low for N + 1 CLK pulses after
any trigger GATE has no effect on OUT.
If a new count is written during counting, the current count-
ing sequence will not be affected. If a trigger occurs after the
new count is written but before the current count expires, the
Counter will be loaded with new count on the next CLK pulse
and counting will continue from there.
FIGURE 14. MODE 5
Operation Common to All Modes
Programming
When a Control Word is written to a Counter, all Control
Logic, is immediately reset and OUT goes to a known initial
state; no CLK pulses are required for this.
Gate
The GATE input is always sampled on the rising edge of
CLK. In Modes 0, 2, 3 and 4 the GATE input is level sensi-
tive, and logic level is sampled on the rising edge of CLK. In
modes 1, 2, 3 and 5 the GATE input is rising-edge sensitive.
In these Modes, a rising edge of Gate (trigger) sets an edge-
sensitive flip-flop in the Counter. This flip-flop is then sam-
pled on the next rising edge of CLK. The flip-flop is reset
immediately after it is sampled. In this way, a trigger will be
detected no matter when it occurs - a high logic level does
not have to be maintained until the next rising edge of CLK.
Note that in Modes 2 and 3, the GATE input is both edge-
and level-sensitive.
NNN
N
0
2
0
1
0
0
FF
FF
FF
FE
FF
FD
0
3
WR
CLK
GATE
OUT
CW = 18
LSB = 3
WR
CLK
GATE
OUT
WR
CLK
GATE
OUT
CW = 18
LSB = 3
CW = 18
LSB = 3
NN
N
0
3
0
2
0
1
0
2
0
1
0
0
FF
FF
NN
N
N
0
3
0
3
0
2
0
1
0
0
FF
FF
0
3
LSB = 2
N
NN
N
N
0
3
0
2
0
1
0
0
FF
FF
0
3
WR
CLK
GATE
OUT
CW = 1A LSB = 3
NN
N
N
0
3
0
2
0
3
0
2
0
1
NN
N
N
0
3
0
2
0
1
0
0
FF
FF
FF
FE
WR
CLK
GATE
OUT
CW = 1A LSB = 3
WR
CLK
GATE
OUT
CW = 1A LSB = 3
N
NN
0
0
FF
FF
LSB = 5
N
0
5
0
4
82C54


Similar Part No. - MR82C54-10B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MR82C52/B RENESAS-MR82C52/B Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
Intersil Corporation
MR82C55A INTERSIL-MR82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
MR82C55A HARRIS-MR82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MR82C55A-5 INTERSIL-MR82C55A-5 Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
MR82C55A-5 HARRIS-MR82C55A-5 Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
More results

Similar Description - MR82C54-10B

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com