Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSDT150-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSDT150-16
Description  Three Phase Bridge Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSDT150-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSDT150-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSDT150-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSDT150-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSDT150-16 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSDT150-16 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSDT150
Document Number: MSDT150
www.smsemi.com
Jan.15,2015
1
Module Type
◆Diode
Maximum Ratings
Symbol
Item
Conditions
Values
Units
ID
Output Current(D.C.)
Tc=93℃ Three phase full wave
150
A
IFSM
Surge forward current
t=10mS Tvj =45℃
1500
A
i
2t
Circuit Fusing Consideration
11250
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +150
Tstg
Storage Temperature
-40 to +125
Mt
Mounting Torque
To terminals(M4)
2±15%
Nm
Mt
To terminals(M6)
5±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module(
Approximately)
320
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case(TOTAL)
0.14
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heat sink
0.07
/W
Electrical Characteristics
Circuit
-
R
S T
R2
G
Three Phase Bridge
+ Thyristor
VRRM / VDRM
800 to 1600V
IFAV / ITAV
150Amp
TYPE
VRRM/ VDRM
VRSM
MSDT150-08
MSDT150-12
MSDT150-16
800V
1200V
1600V
900V
1300V
1700V
Features
Blocking voltage:800 to 1600V
Three Phase Bridge and a Thyristor
Low Forward Voltage
Applications
Inverter for AC or DC motor control
Current stablilzed power supply
Switching power supply
UL E243882 approved
Symbol
Item
Conditions
Values
Units
VFM
Forward Voltage Drop, max.
T=25℃ IF =150A
1.35
V
IRRM
Repetitive Peak Reverse Current,
max.
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
≤2
≤10
mA
mA


Similar Part No. - MSDT150-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT100-08 ETC2-MSDT100-08 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT100-12 ETC2-MSDT100-12 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT100-16 ETC2-MSDT100-16 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
More results

Similar Description - MSDT150-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
   Three Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
   Three Phase Bridge Thyristor
MT150DT18L2 APTSEMI-MT150DT18L2 Datasheet
274Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
   Three-Phase Bridge Thyristor,
logo
List of Unclassifed Man...
MSDT75 ETC2-MSDT75 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
logo
Yangzhou yangjie electr...
MT75DT08L1 YANGJIE-MT75DT08L1 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
MT200DT08L2 YANGJIE-MT200DT08L2 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
NK60TP NELLSEMI-NK60TP_17 Datasheet
713Kb / 5P
   Three-Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
   Three Phase Bridge Thyristor
MT100DT18L1 APTSEMI-MT100DT18L1 Datasheet
278Kb / 5P
   Three Phase Bridge Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com