Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162244CTEB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT162244CTEB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162244CTEB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT162244CTEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162244CTEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
5.2
7
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT16244T/FCT162244T
2544 tbl 11
2544 tbl 12
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
FCT16244T/162244T/166244T
FCT16244AT/162244AT/166244AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xAx to xYx
CL = 50pF
RL = 500
1.5
6.5
1.5
7.0
1.5
4.8
1.5
5.1
ns
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
8.5
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
7.5
1.5
5.6
1.5
5.9
ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
0.5
ns
FCT16244CT/162244CT/166244CT
FCT16244ET/162244ET
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xAx to xYx
CL = 50pF
RL = 500
1.5
4.1
1.5
4.6
1.5
3.2
ns
tPZH
tPZL
Output Enable Time
1.5
5.8
1.5
6.5
1.5
4.4
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.2
1.5
5.7
1.5
3.6
ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - IDT74FCT162244CTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162240AT IDT-IDT74FCT162240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATE IDT-IDT74FCT162240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATEB IDT-IDT74FCT162240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATPA IDT-IDT74FCT162240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATPAB IDT-IDT74FCT162240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT162244CTEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com