Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS20D Datasheet(PDF) 8 Page - Intersil Corporation

Part # ACS20D
Description  Radiation Hardened Dual 4-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS20D Datasheet(HTML) 8 Page - Intersil Corporation

  ACS20D Datasheet HTML 1Page - Intersil Corporation ACS20D Datasheet HTML 2Page - Intersil Corporation ACS20D Datasheet HTML 3Page - Intersil Corporation ACS20D Datasheet HTML 4Page - Intersil Corporation ACS20D Datasheet HTML 5Page - Intersil Corporation ACS20D Datasheet HTML 6Page - Intersil Corporation ACS20D Datasheet HTML 7Page - Intersil Corporation ACS20D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
ACS20MS
Spec Number
518815
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
D
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
K14.A MIL-STD-1835 CDFP3-F14 (F-2A, CONFIGURATION B)
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.004
0.009
0.10
0.23
-
c1
0.004
0.006
0.10
0.15
-
D
-
0.390
-
9.91
3
E
0.235
0.260
5.97
6.60
-
E1
-
0.290
-
7.11
3
E2
0.125
-
3.18
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.270
0.370
6.86
9.40
-
Q
0.026
0.045
0.66
1.14
8
S1
0.005
-
0.13
-
6
M
-
0.0015
-
0.04
-
N14
14
-
Rev. 0 5/18/94
Ceramic Metal Seal Flatpack Packages (Flatpack)
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark. Alternately, a tab (dimension k)
may be used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the lim-
its of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass overrun.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness. The maximum lim-
its of lead dimensions b and c or M shall be measured at the cen-
troid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric mate-
rials shall be molded to the bottom of the package to cover the
leads.
8. Dimension Q shall be measured at the point of exit (beyond the
meniscus) of the lead from the body. Dimension Q minimum
shall be reduced by 0.0015 inch (0.038mm) maximum when sol-
der dip lead finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.


Similar Part No. - ACS20D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS21D INTERSIL-ACS21D Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21D INTERSIL-ACS21D Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
ACS21DMSR-03 INTERSIL-ACS21DMSR-03 Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21HMSR-03 INTERSIL-ACS21HMSR-03 Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21K INTERSIL-ACS21K Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
More results

Similar Description - ACS20D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com