Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM82C54-12 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CM82C54-12
Description  CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CM82C54-12 Datasheet(HTML) 5 Page - Intersil Corporation

  CM82C54-12 Datasheet HTML 1Page - Intersil Corporation CM82C54-12 Datasheet HTML 2Page - Intersil Corporation CM82C54-12 Datasheet HTML 3Page - Intersil Corporation CM82C54-12 Datasheet HTML 4Page - Intersil Corporation CM82C54-12 Datasheet HTML 5Page - Intersil Corporation CM82C54-12 Datasheet HTML 6Page - Intersil Corporation CM82C54-12 Datasheet HTML 7Page - Intersil Corporation CM82C54-12 Datasheet HTML 8Page - Intersil Corporation CM82C54-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4-5
Operational Description
General
After power-up, the state of the 82C54 is undefined. The
Mode, count value, and output of all Counters are undefined.
How each Counter operates is determined when it is pro-
grammed. Each Counter must be programmed before it can
be used. Unused counters need not be programmed.
Programming the 82C54
Counters are programmed by writing a Control Word and
then an initial count.
All Control Words are written into the Control Word Register,
which is selected when A1, A0 = 11. The Control Word spec-
ifies which Counter is being programmed.
By contrast, initial counts are written into the Counters, not
the Control Word Register. The A1, A0 inputs are used to
select the Counter to be written into. The format of the initial
count is determined by the Control Word used.
FIGURE 4. 82C54 SYSTEM INTERFACE
Write Operations
The programming procedure for the 82C54 is very flexible.
Only two conventions need to be remembered:
1. For Each Counter, the Control Word must be written
before the initial count is written.
2. The initial count must follow the count format specified in the
Control Word (least significant byte only, most significant byte
only, or least significant byte and then most significant byte).
Since the Control Word Register and the three Counters have
separate addresses (selected by the A1, A0 inputs), and each
Control Word specifies the Counter it applies to (SC0, SC1 bits),
no special instruction sequence is required. Any programming
sequence that follows the conventions above is acceptable.
Control Word Format
A1, A0 = 11; CS = 0; RD = 1; WR = 0
D7
D6
D5
D4
D3
D2
D1
D0
SC1
SC0
RW1
RW0
M2
M1
M0
BCD
ADDRESS BUS (16)
CONTROL BUS
DATA BUS (8)
I/OR I/OW
WR
RD
CS
A0
A1
A1
A0
8
COUNTER
0
OUT GATE CLK
COUNTER
1
COUNTER
2
OUT GATE CLK
OUT GATE CLK
D0 - D7
82C54
SC - Select Counter
SC1
SC0
0
0
Select Counter 0
0
1
Select Counter 1
1
0
Select Counter 2
1
1
Read-Back Command (See Read Operations)
RW - Read/Write
RW1 RW0
0
0
Counter Latch Command (See Read Operations)
0
1
Read/Write least significant byte only.
1
0
Read/Write most significant byte only.
1
1
Read/Write least significant byte first, then most
significant byte.
M - Mode
M2
M1
M0
0
0
0
Mode 0
0
0
1
Mode 1
X
1
0
Mode 2
X
1
1
Mode 3
1
0
0
Mode 4
1
0
1
Mode 5
BCD - Binary Coded Decimal
0
Binary Counter 16-bit
1
Binary Coded Decimal (BCD) Counter (4 Decades)
NOTE: Don’t Care bits (X) should be 0 to insure compatibility with
future products.
Possible Programming Sequence
A1
A0
Control Word - Counter 0
1
1
LSB of Count - Counter 0
0
0
MSB of Count - Counter 0
0
0
Control Word - Counter 1
1
1
LSB of Count - Counter 1
0
1
MSB of Count - Counter 1
0
1
Control Word - Counter 2
1
1
LSB of Count - Counter 2
1
0
MSB of Count - Counter 2
1
0
Possible Programming Sequence
A1
A0
Control Word - Counter 0
1
1
Control Word - Counter 1
1
1
Control Word - Counter 2
1
1
LSB of Count - Counter 2
1
0
82C54


Similar Part No. - CM82C54-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CM82C59A INTERSIL-CM82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CM82C59A-12 INTERSIL-CM82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CM82C59A-5 INTERSIL-CM82C59A-5 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CM82C54-12

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com