Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54233 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54233
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54233 Datasheet HTML 5Page - Intersil Corporation ISL54233 Datasheet HTML 6Page - Intersil Corporation ISL54233 Datasheet HTML 7Page - Intersil Corporation ISL54233 Datasheet HTML 8Page - Intersil Corporation ISL54233 Datasheet HTML 9Page - Intersil Corporation ISL54233 Datasheet HTML 10Page - Intersil Corporation ISL54233 Datasheet HTML 11Page - Intersil Corporation ISL54233 Datasheet HTML 12Page - Intersil Corporation ISL54233 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL54233
9
FN7918.0
December 21, 2011
POWER
The power supply connected at VDD (pin 11) provides power to
the ISL54233 part. Its voltage should be kept in the range of
2.7V to 4.6V. In a typical application, VDD will be in the range of
2.7V to 4.3V and will be connected to the battery or LDO of the
MP3 player or cellphone.
A 0.01µF or 0.1µF decoupling capacitor should be connected
from the VDD pin to ground to filter out any power supply noise
from entering the part. The capacitor should be located as close
to the VDD pin as possible.
LOGIC CONTROL
The state of the ISL54233 device is determined by the voltage at
the C1 pin (pin 9) and the C0 pin (pin 10). Refer to the “Truth
Table” on page 2.
The C1 pin and C0 pin are internally pulled low through 4M
Ω
resistors to ground and can be tri-stated or left floating.
The C1 pin and C0 pin can be driven with a voltage that is higher
than the VDD supply voltage. They can be driven up to 5.25V with
the VDD supply in the range of 2.7V to 4.6V. Driving the logic
higher than the supply rail will cause the logic current to
increase. With VDD = 2.7V and VLOGIC = 5.25V, ILOGIC current is
approximately 5.5µA.
Logic Control Voltage Levels
With VDD in the range of 2.7V to 3.6V the logic levels are: C1,
C0 = Logic “0” (Low) when 0.5V or Floating. C1, C0 = Logic “1”
(High) when 1.4V.
ALL SWITCHES OFF Mode
If the C1 pin = Logic “0” and C0 pin = Logic “0” the part will be in
the ALL SWITCHES OFF mode. In this mode, the 3D- and 3D+
data switches, the 2D- and 2D+ data switches, and the 1D- and
1D+ data switches will be OFF (high impedance).
The COM pins can accommodate signals that swing below
ground by as much as -2V. This allows an audio CODEC to be
connected to the COM pins when the device is in the all off state.
USB/DV 1 Mode
If the C1 pin = Logic “0” and C0 pin = Logic “1” the part will go
into USB/DV1 mode. The 1D- and 1D+ switches are ON and the
2D- and 2D+ switches and 3D- and 3D+ will be OFF (high
impedance).
USB/DV 2 Mode
If the C1 = Logic “1” and C0 pin = Logic “0” the part will be in the
USB/DV2 mode. The 2D- and 2D+ switches will be ON and the
1D- and 1D+ switches and the 3D- and 3D+ will be OFF (high
impedance).
USB/DV 3 Mode
If the C1 pin = Logic “1” and C0 pin = Logic “1” the part will be in
the USB/DV3 mode. The 3D- and 3D+ switches are ON, and the
1D- and 1D+ switches and 2D- and 2D+ switches will be OFF
(high impedance).
Printed Circuit Board Design for High
Frequency Performance
In 50Ω systems, the ISL54233 has a -3dB bandwidth of 1.6GHz
(see Figure 19).
To achieve this high bandwidth requires careful design and layout
of the PCB board. Signal traces must be designed to minimize
reflections and reduce parasitic resistance, inductance and
capacitance that degrade the frequency response performance.
Figure 9 shows a picture of the engineering board used to
measure the frequency response of the ISL54233 part. The
board was specifically design for taking high frequency
bandwidth measurements. The board was made with special
materials and was carefully layed out using RF board techniques
to maximize it for high frequency operation.
The next section, “Board Layout Guidelines”, will provide a list of
the PCB board requirements needed to get the maximum
bandwidth from the ISL54233 part when tested with a 50
Ω
Network Analyzer.
FIGURE 9. RF HIGH FREQUENCY BOARD


Similar Part No. - ISL54233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
ISL54233 INTERSIL-ISL54233 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ INTERSIL-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ RENESAS-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com