Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88003IH46Z-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88003IH46Z-T
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88003IH46Z-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88003IH46Z-T Datasheet HTML 1Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 2Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 3Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 4Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 5Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 6Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 7Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 8Page - Intersil Corporation ISL88003IH46Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FN6174.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2011, 2012. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL88001, ISL88002, ISL88003
Ultra Low Power 3 Ld Voltage Supervisors
in SC-70 and SOT-23 Packages
The ISL88001, ISL88002, ISL88003 supervisors are
extremely low power 160nA voltage supervisors that help to
monitor the power supply voltages in a wide variety of
applications. By providing Power-On Reset and supply
voltage supervision in small 3 Ld SC-70 and SOT-23
packages, the ISL88001, ISL88002, ISL88003 devices can
help to lower system cost, reduce board space requirements
and increase the reliability of systems.
The most popular voltage trip points are available for
standard power supplies from 1.8V to 5.0V (see “Ordering
Information” on page 3). These reset threshold voltages are
accurate to within ±1.2% and the reset signal is valid down to
1V. Active high and active low reset outputs are available in
push-pull and open drain configurations (see “Functional
Block Diagrams” on page 2).
The ISL88001, ISL88002, ISL88003 devices are specifically
designed for low power consumption and high threshold
accuracy, making them especially suitable for electronic
devices and portable equipment.
Pinouts
ISL88001, ISL88002
(3 LD SC-70, 3 LD SOT-23)
TOP VIEW
ISL88003
(3 LD SC-70, 3 LD SOT-23)
TOP VIEW
Features
• Single Voltage Monitoring Supervisors
• Fixed-Voltage Options Allow Precise Monitoring of +1.8V,
+2.5V, +3.0V, +3.3V and +5.0V Power Supplies
• Ultra Low 160nA Supply Current
• ±1.2% Voltage Threshold Accuracy
• 190ms Power-On Reset Timeout
• Reset Signal Valid Down to VDD = 1V
• No External Components Necessary
• Immune to Power-Supply Transients
• Available in Small 3 Ld SC-70 and 3 Ld SOT-23 Pb-free
Packages
• Pin Compatible with MAX803, MAX809, MAX810
• Pb-Free (RoHS Compliant)
Applications
• Microprocessor/Microcontroller Systems
• Intelligent Instruments
• Controllers
• Computer Systems
• Portable/Battery-Powered Equipment
• PDA and Hand-Held PC Devices
GND
RST
1
2
3
ISL88001 has a push-pull RST output
VDD
ISL88002 has an open-drain RST output
ISL88001
ISL88002
GND
RST
1
2
3
ISL88003 has a push-pull RST output
VDD
ISL88003
Data Sheet
May 29, 2012


Similar Part No. - ISL88003IH46Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88003IH46Z-T RENESAS-ISL88003IH46Z-T Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results

Similar Description - ISL88003IH46Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
216Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
   Fits SOT-343 (SC-70) amplifier packages
logo
Micrel Semiconductor
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com