Selected language     English  ā–¼


W005M Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part No. W005M
Description  SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Homepage  http://www.goodwork.com.tw/
Logo 

   
 1 page
background image
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
W005M W01M
W02M
W04M W06M
W08M
W10M UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
10
500
-65
+150
-65
+150
V
A
A
V
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
W005M THRU W10M
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
WOM
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
0.930
(23.5)
MIN.
1.020
(26.0)
MIN.
.358
(9.1)
MAX.
.217(5.5)
.197(5.0)
.032(0.8)
.030(0.7)
POS.
LEAD
* Low leakage current
1.5 Amperes
A
A
252




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl