Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS373MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS373MS
Description  Radiation Hardened Octal Transparent Latch, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS373MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACS373MS Datasheet HTML 1Page - Intersil Corporation ACS373MS Datasheet HTML 2Page - Intersil Corporation ACS373MS Datasheet HTML 3Page - Intersil Corporation ACS373MS Datasheet HTML 4Page - Intersil Corporation ACS373MS Datasheet HTML 5Page - Intersil Corporation ACS373MS Datasheet HTML 6Page - Intersil Corporation ACS373MS Datasheet HTML 7Page - Intersil Corporation ACS373MS Datasheet HTML 8Page - Intersil Corporation ACS373MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications ACS373MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
14
ns
10, 11
+125oC, -55oC
2
15
ns
TPLH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
18
ns
TPHL2
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
13
ns
10, 11
+125oC, -55oC
2
14
ns
TPLH2
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
14
ns
10, 11
+125oC, -55oC
2
16
ns
TPZL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
14
ns
10, 11
+125oC, -55oC
2
15
ns
TPLZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
14
ns
10, 11
+125oC, -55oC
2
14
ns
TPHZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
16
ns
TPZH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
16
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC
-
25
-
pF
+125oC
-
30
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
+125oC-
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
20
pF
+125oC-
-
20
pF
Pulse Width Time
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC7
-
-
ns
+125oC7
-
-
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC5
-
-
ns
+125oC5
-
-
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC3
-
-
ns
+125oC3
-
-
ns
NOTES:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518799


Similar Part No. - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS373MS RENESAS-ACS373MS Datasheet
418Kb / 10P
   Radiation HardenedOctal Transparent Latch, Three-State
April 1995
More results

Similar Description - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com