Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS374K Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS374K
Description  Radiation Hardened Octal D Flip-Flop, Three-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS374K Datasheet(HTML) 3 Page - Intersil Corporation

  ACS374K Datasheet HTML 1Page - Intersil Corporation ACS374K Datasheet HTML 2Page - Intersil Corporation ACS374K Datasheet HTML 3Page - Intersil Corporation ACS374K Datasheet HTML 4Page - Intersil Corporation ACS374K Datasheet HTML 5Page - Intersil Corporation ACS374K Datasheet HTML 6Page - Intersil Corporation ACS374K Datasheet HTML 7Page - Intersil Corporation ACS374K Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Specifications ACS374MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
14
ns
10, 11
+125oC, -55oC
2
17
ns
TPLH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
20
ns
TPZL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
TPZH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
20
ns
TPLZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
TPHZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC
-
25
-
pF
+125oC
-
30
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
+125oC-
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
20
pF
+125oC-
-
20
pF
Pulse Width Time
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
4.5
-
-
ns
+125oC5
-
-
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
3.5
-
-
ns
+125oC4
-
-
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
3.5
-
-
ns
+125oC4
-
-
ns
Maximum Frequency
CP
FMAX
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
0
-
100
MHz
+125oC
0
-
100
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518820


Similar Part No. - ACS374K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS374K RENESAS-ACS374K Datasheet
346Kb / 8P
   Radiation HardenedOctal D Flip-Flop, Three-State
April 1995
ACS374KMSR RENESAS-ACS374KMSR Datasheet
346Kb / 8P
   Radiation HardenedOctal D Flip-Flop, Three-State
April 1995
More results

Similar Description - ACS374K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
logo
Renesas Technology Corp
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273MS INTERSIL-HCTS273MS Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com