Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS00KMSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # ACTS00KMSR
Description  Radiation Hardened Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS00KMSR Datasheet(HTML) 7 Page - Intersil Corporation

  ACTS00KMSR Datasheet HTML 1Page - Intersil Corporation ACTS00KMSR Datasheet HTML 2Page - Intersil Corporation ACTS00KMSR Datasheet HTML 3Page - Intersil Corporation ACTS00KMSR Datasheet HTML 4Page - Intersil Corporation ACTS00KMSR Datasheet HTML 5Page - Intersil Corporation ACTS00KMSR Datasheet HTML 6Page - Intersil Corporation ACTS00KMSR Datasheet HTML 7Page - Intersil Corporation ACTS00KMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ACTS00MS
Spec Number
518822
D14.3 MIL-STD-1835 CDIP2-T14 (D-1, CONFIGURATION C)
14 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.200
-
5.08
-
b
0.014
0.026
0.36
0.66
2
b1
0.014
0.023
0.36
0.58
3
b2
0.045
0.065
1.14
1.65
-
b3
0.023
0.045
0.58
1.14
4
c
0.008
0.018
0.20
0.46
2
c1
0.008
0.015
0.20
0.38
3
D
-
0.785
-
19.94
-
E
0.220
0.310
5.59
7.87
-
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
-
eA/2
0.150 BSC
3.81 BSC
-
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.060
0.38
1.52
5
S1
0.005
-
0.13
-
6
S2
0.005
-
0.13
-
7
α
90o
105o
90o
105o
-
aaa
-
0.015
-
0.38
-
bbb
-
0.030
-
0.76
-
ccc
-
0.010
-
0.25
-
M
-
0.0015
-
0.038
2
N14
14
8
Rev. 0 4/94
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark.
2. The maximum limits of lead dimensions b and c or M shall be
measured at the centroid of the finished lead surfaces, when
solder dip or tin plate lead finish is applied.
3. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness.
4. Corner leads (1, N, N/2, and N/2+1) may be configured with a
partial lead paddle. For this configuration dimension b3 replaces
dimension b2.
5. Dimension Q shall be measured from the seating plane to the
base plane.
6. Measure dimension S1 at all four corners.
7. Measure dimension S2 from the top of the ceramic body to the
nearest metallization or lead.
8. N is the maximum number of terminal positions.
9. Braze fillets shall be concave.
10. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
11. Controlling dimension: INCH.
bbb
C A - B
S
c
Q
L
A
SEATING
BASE
D
PLANE
PLANE
S
S
-D-
-A-
-C-
eA
-B-
aaa
C A - B
M
D
S
S
ccc
C A - B
M
D
S
S
D
E
S1
b2
b
A
e
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
eA/2
S2
M
A
Ceramic Dual-In-Line Metal Seal Packages (SBDIP)


Similar Part No. - ACTS00KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS04D RENESAS-ACTS04D Datasheet
246Kb / 2P
   Radiation Hardened Hex Inverter
January 1996
logo
Intersil Corporation
ACTS04D/SAMPLE INTERSIL-ACTS04D/SAMPLE Datasheet
90Kb / 3P
   Radiation Hardened Hex Inverter
ACTS04HMSR INTERSIL-ACTS04HMSR Datasheet
90Kb / 3P
   Radiation Hardened Hex Inverter
logo
Renesas Technology Corp
ACTS04HMSR RENESAS-ACTS04HMSR Datasheet
246Kb / 2P
   Radiation Hardened Hex Inverter
January 1996
ACTS04K RENESAS-ACTS04K Datasheet
246Kb / 2P
   Radiation Hardened Hex Inverter
January 1996
More results

Similar Description - ACTS00KMSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
HCS00MS INTERSIL-HCS00MS Datasheet
101Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS00MS INTERSIL-HCTS00MS Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP_016 TI1-SN54AC00-SP_016 Datasheet
193Kb / 10P
[Old version datasheet]   SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
logo
Intersil Corporation
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
   Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com