Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95278-801-38LF Datasheet(PDF) 1 Page - FCI connector

Part # 95278-801-38LF
Description  UNSHR.HEADER DR SMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

95278-801-38LF Datasheet(HTML) 1 Page - FCI connector

  95278-801-38LF Datasheet HTML 1Page - FCI connector 95278-801-38LF Datasheet HTML 2Page - FCI connector 95278-801-38LF Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDS: Rev :T
STATUS:Released
Printed: Oct 08, 2014


Similar Part No. - 95278-801-38LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
95278-101A16LF FCI-CONNECTOR-95278-101A16LF Datasheet
143Kb / 2P
   UNSHR.HEADER DR SMT
More results

Similar Description - 95278-801-38LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
95278-101A16LF FCI-CONNECTOR-95278-101A16LF Datasheet
143Kb / 2P
   UNSHR.HEADER DR SMT
77313-Y01-00LF FCI-CONNECTOR-77313-Y01-00LF Datasheet
200Kb / 2P
   UNSHR.HEADER STR DR TMT
95278 FCI-CONNECTOR-95278 Datasheet
143Kb / 2P
   UNSHR HEADER DR SMT
71609-305LF FCI-CONNECTOR-71609-305LF Datasheet
65Kb / 1P
   BtB RECEPT. HORIZ DR SMT
95242 FCI-CONNECTOR-95242 Datasheet
93Kb / 2P
   BtB RECEPT VERT DR SMT
95290 FCI-CONNECTOR-95290 Datasheet
165Kb / 2P
   BtB RECEPT VERT DR SMT 8.5mm
95157-104LF FCI-CONNECTOR-95157-104LF Datasheet
369Kb / 5P
   BERGSTIK II HEADER DR .100cc DUPLEX VERT. SMT
logo
RFHIC
RFUR39-50 RFHIC-RFUR39-50 Datasheet
163Kb / 2P
   Converter (DR)
logo
Crydom Inc.,
DR24B03 CRYDOM-DR24B03 Datasheet
854Kb / 7P
   SeriesOne DR Series
logo
Adels-Contact
729004 ADELS-729004 Datasheet
119Kb / 1P
   DR 14 2x5,0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com