Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A12N10PP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A12N10PP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A12N10PP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A12N10PP Datasheet HTML 1Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 2Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 3Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 4Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 5Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 6Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A12N10PP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
3
Panels for Junction Boxes
Steel panels are 14 gauge, finished with white polyester powder
paint or with a conductive, corrosion-resistant coating. Stainless
steel panels are 14 gauge Type 304 and have a commercial #2B
finish which is protected on one side with a plastic film. Aluminum
panels are 5052-H32 aluminum alloy 0.080-in. (2-mm) thick and
protected on one side with a plastic film. Panel mounting hardware
is furnished with all enclosures which accept these panels.
Bulletin: pnlJ, pnlWM
Catalog Number
Material
Panel Size D x E (in.)
Panel Size D x E (mm)
V (in.)
V (mm)
A6P4
Painted steel
4.88 x 2.88
124 x 73
0.31
8
A6P4G
Conductive steel
4.88 x 2.88
124 x 73
0.31
8
A6P4SS
Stainless Steel
4.88 x 2.88
124 x 73
0.31
8
A6P4AL
Aluminum
4.88 x 2.88
124 x 73
0.31
8
A6P6
Painted steel
4.88 x 4.88
124 x 124
0.31
8
A6P6G
Conductive steel
4.88 x 4.88
124 x 124
0.31
8
A6P6SS
Stainless Steel
4.88 x 4.88
124 x 124
0.31
8
A6P6AL
Aluminum
4.88 x 4.88
124 x 124
0.31
8
A8P6
Painted steel
6.75 x 4.88
171 x 124
0.25
6
A8P6G
Conductive steel
6.75 x 4.88
171 x 124
0.25
6
A8P6SS
Stainless Steel
6.75 x 4.88
171 x 124
0.25
6
A8P6AL
Aluminum
6.75 x 4.88
171 x 124
0.25
6
A8P8
Painted steel
6.75 x 6.88
171 x 175
0.25
6
A8P8AL
Aluminum
6.75 x 6.88
171 x 175
0.25
6
A10P8
Painted steel
8.75 x 6.88
222 x 175
0.25
6
A10P8G
Conductive steel
8.75 x 6.88
222 x 175
0.25
6
A10P8SS
Stainless Steel
8.75 x 6.88
222 x 175
0.25
6
A10P8AL
Aluminum
8.75 x 6.88
222 x 175
0.25
6
A10P10
Painted steel
8.75 x 8.88
222 x 226
0.25
6
A10P10G
Conductive steel
8.75 x 8.88
222 x 226
0.25
6
A10P10AL
Aluminum
8.75 x 8.88
222 x 226
0.25
6
A12P6
Painted steel
10.75 x 4.88
273 x 124
0.25
6
A12P6G
Conductive steel
10.75 x 4.88
273 x 124
0.25
6
A12P10
Painted steel
10.75 x 8.88
273 x 226
0.25
6
A12P10G
Conductive steel
10.75 x 8.88
273 x 226
0.25
6
A12P10SS
Stainless Steel
10.75 x 8.88
273 x 226
0.25
6
A12P10AL
Aluminum
10.75 x 8.88
273 x 226
0.25
6
A12P12
Painted steel
10.75 x 10.88
273 x 276
0.25
6
A12P12G
Conductive steel
10.75 x 10.88
273 x 276
0.25
6
A12P12SS
Stainless Steel
10.75 x 10.88
273 x 276
0.25
6
A14P8
Painted steel
12.75 x 6.88
324 x 175
0.25
6
A14P8G
Conductive steel
12.75 x 6.88
324 x 175
0.25
6
A14P12
Painted steel
12.75 x 10.88
324 x 276
0.25
6
A14P12G
Conductive steel
12.75 x 10.88
324 x 276
0.25
6
A14P12SS
Stainless Steel
12.75 x 10.88
324 x 276
0.25
6
A14P12AL
Aluminum
12.75 x 10.88
324 x 276
0.25
6
A16P10
Painted steel
14.75 x 8.88
375 x 226
0.25
6
A16P10G
Conductive steel
14.75 x 8.88
375 x 226
0.25
6
A16P14
Painted steel
14.75 x 12.88
375 x 327
0.25
6
A16P14G
Conductive steel
14.75 x 12.88
375 x 327
0.25
6
A16P14SS
Stainless Steel
14.75 x 12.88
375 x 327
0.25
6
A16P14AL
Aluminum
14.75 x 12.88
375 x 327
0.25
6
A18P16
Painted steel
16.75 x 14.88
425 x 378
0.25
6
A18P16G
Conductive steel
16.75 x 14.88
425 x 378
0.25
6
A18P16SS
Stainless Steel
16.75 x 14.88
425 x 378
0.25
6
A18P16AL
Aluminum
16.75 x 14.88
425 x 378
0.25
6


Similar Part No. - A12N10PP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A12N10PP PENTAIR-A12N10PP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A12N10PP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com