Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A16N12PP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A16N12PP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A16N12PP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A16N12PP Datasheet HTML 5Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 6Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 9Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 10Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 11Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 12Page - List of Unclassifed Manufacturers A16N12PP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
9
Panels for large Bulletin a27, a28, a28s4 and a34 multi-door enclosures
Extra panels for large enclosures (Bulletins A27, A28, A28S4 and A34) can be ordered for panel assembly prior to receiving the enclosures
(enclosures include panels). Panels are 10 gauge steel with .80-in. (20-mm) flanges on four sides. Finish is white polyester powder paint
or a conductive, corrosion-resistant coating. Two extra holes are provided for lifting and installing panels. Mounting hardware included
with enclosure.
Bulletin: pnlFS
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
Number
of Holes
Fits
Enclosure
Height
A72PM28
Painted steel
60.00 x 21.75
1524 x 552
8
72 in.
A72PM28G
Conductive
60.00 x 21.75
1524 x 552
8
72 in.
A72PM34
Painted steel
60.00 x 27.75
1524 x 705
8
72 in.
A72PM34G
Conductive
60.00 x 27.75
1524 x 705
8
72 in.
A72PM40
Painted steel
60.00 x 33.75
1524 x 857
8
72 in.
A72PM40G
Conductive
60.00 x 33.75
1829 x 857
8
72 in.
A72PM54
Painted steel
60.00 x 48.00
1524 x 1219
10
72 in.
A72PM54G
Conductive
60.00 x 48.00
1524 x 1219
10
72 in.
A72PM66
Painted steel
60.00 x 60.00
1524 x 1524
10
72 in.
A72PM66G
Conductive
60.00 x 60.00
1524 x 1524
10
72 in.
A72PM78
Painted steel
60.00 x 72.00
1524 x 1829
12
72 in.
A72PM78G
Conductive
60.00 x 72.00
1524 x 1829
12
72 in.
A84PM40
Painted steel
72.00 x 33.75
1829 x 857
8
84 in.
A84PM40G
Conductive
72.00 x 33.75
1829 x 857
8
84 in.
A84PM78
Painted steel
72.00 x 72.00
1829 x 1829
12
84 in.
A84PM78G
Conductive
72.00 x 72.00
1829 x 1829
12
84 in.
A86PM37
Painted steel
78.00 x 34.00
1981 x 864
8
86 in.
A86PM37G
Conductive
78.00 x 34.00
1981 x 864
8
86 in.
A86PM75
Painted steel
78.00 x 70.00
1981 x 1778
12
86 in.
A86PM75G
Conductive
78.00 x 70.00
1981 x 1778
12
86 in.
A90PM40
Painted steel
78.00 x 33.75
1981 x 857
8
90 in.
A90PM40G
Conductive
78.00 x 33.75
1981 x 857
8
90 in.
A90PM78
Painted steel
78.00 x 72.00
1981 x 1829
12
90 in.
A90PM78G
Conductive
78.00 x 72.00
1981 x 1829
12
90 in.


Similar Part No. - A16N12PP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A16N12PP PENTAIR-A16N12PP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A16N12PP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com