Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A24N24MPP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A24N24MPP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A24N24MPP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A24N24MPP Datasheet HTML 1Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 2Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 3Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 4Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 5Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 6Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 7Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 8Page - List of Unclassifed Manufacturers A24N24MPP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
5
Junction Box and Wall-mount enclosure
sWing-out Panel Kit
Kits allow mounting standard Hoffman junction box and NEMA
style panels (purchase separately) near the front of the enclosure
for easy access to or reading of gauges, switches, pilot lights and
other components. Kits consist of heavy-gauge brackets and hinges
which are easily installed by drilling small holes in the sides of the
enclosure and bolting the brackets in place. External screws are
stainless steel; internal components are plated steel. All mounting
hardware and instructions are provided. Sealing washers ensure
the enclosure will meet original JIC or NEMA standards after
installation.
Swing-Out Panel Kits do not fit single-door disconnect enclosures.
Bulletin: A80
Catalog Number
Description
Maximum
Load (lb.)
Maximum
Load (kg)
Use In
AJCDFK
Junction Box Kit
25
11.3
- Junction boxes where A x B is 8.00 x 6.00 in. (203 x 152 mm) or larger
- HCLO Type 3R enclosures where A x B is 16.00 x 12.00 in. (406 x 305 mm) or smaller
ANADFK
Wall-Mount Enclosure Kit
100
45.4
- One-door Type 4, 4X, 12 and 13 enclosures where A x B is 12.00 x 12.00 in. (305 x 305 mm) or larger
- HCLO Type 3R enclosures where A x B is 16.00 x 16.00 in. (406 x 406 mm) or larger
- HCR Type 3R enclosures where A x B is 16.00 x 12.00 (406 x 305 mm) or larger
- Type 1 enclosures where A x B is 42.00 x 30.00 in. (1067 x 762 mm) or larger
Both kits maintain UL Type 4 and Type 4X rating when properly installed in a Hoffman enclosure.
Maximum load includes the weight of the panel plus the weight of the components, with the weight of the components spread evenly over the panel.


Similar Part No. - A24N24MPP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A24N24MPP PENTAIR-A24N24MPP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A24N24MPP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com