Electronic Components Datasheet Search |
|
A18P18PP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
A18P18PP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 16 page Spec-00310 P Panels and Panel accessories Panels for enclosures EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE accessories 11 Panels for free-stand tyPe 4, 4x and 12 single- and dual-access one-door enclosures With mounting channel Panels for one-door, single-access and one-door, dual-access Free-Stand Type 12 Enclosures, Free-Stand Type 4 Enclosures and One- Door Type 4X Free-Stand Fiberglass Enclosures. Panels are 12 gauge steel and can be positioned anywhere along horizontal mounting channels (see dimension drawing Sections B-B for limitations). Half-length panels can be located in the upper or lower portion of the enclosure. Panels are finished with white polyester powder paint or a conductive, corrosion-resistant coating and furnished with plated mounting hardware. Bulletin: pnl30, pnlFS Catalog Number Description Finish Panel Size (in.) Panel Size (mm) Fits Enclosure A x B (in.) Fits Enclosure A x B (mm) A60P24F1 Full Panel Painted steel 48.00 x 20.00 1218 x 508 60.00 x 24.00 1524 x 610 A60P24F1G Full Panel Conductive 48.00 x 20.00 1218 x 508 60.00 x 24.00 1524 x 610 A60P24F2 Half Panel Painted steel 24.88 x 20.00 632 x 508 60.00 x 24.00 1524 x 610 A60P24F2G Half Panel Conductive 24.88 x 20.00 632 x 508 60.00 x 24.00 1524 x 610 A72P24F1 Full Panel Painted steel 60.00 x 20.00 1524 x 508 72.00 x 24.00 1829 x 610 A72P24F1G Full Panel Conductive 60.00 x 20.00 1524 x 508 72.00 x 24.00 1829 x 610 A72P24F2 Half Panel Painted steel 30.88 x 20.00 784 x 508 72.00 x 24.00 1829 x 610 A72P24F2G Half Panel Conductive 30.88 x 20.00 784 x 508 72.00 x 24.00 1829 x 610 A90P24F1 Full Panel Painted steel 78.00 x 20.00 1981 x 508 90.00 x 24.00 2286 x 610 A90P24F1G Full Panel Conductive 78.00 x 20.00 1981 x 508 90.00 x 24.00 2286 x 610 A90P24F2 Half Panel Painted steel 39.88 x 20.00 1013 x 508 90.00 x 24.00 2286 x 610 A90P24F2G Half Panel Conductive 39.88 x 20.00 1013 x 508 90.00 x 24.00 2286 x 610 A72P30F1 Full Panel Painted steel 60.00 x 26.00 1524 x 660 72.00 x 30.00 1829 x 762 A72P30F1G Full Panel Conductive 60.00 x 26.00 1524 x 660 72.00 x 30.00 1829 x 762 A72P30F2 Half Panel Painted steel 30.88 x 26.00 784 x 660 72.00 x 30.00 1829 x 762 A72P30F2G Half Panel Conductive 30.88 x 26.00 784 x 660 72.00 x 30.00 1829 x 762 A60P36F1 Full Panel Painted steel 48.00 x 32.00 1219 x 813 60.00 x 36.00 1524 x 914 A60P36F1G Full Panel Conductive 48.00 x 32.00 1219 x 813 60.00 x 36.00 1524 x 914 A60P36F2 Half Panel Painted steel 24.88 x 32.00 632 x 813 60.00 x 36.00 1524 x 914 A60P36F2G Half Panel Conductive 24.88 x 32.00 632 x 813 60.00 x 36.00 1524 x 914 A72P36F1 Full Panel Painted steel 60.00 x 32.00 1524 x 813 72.00 x 36.00 1829 x 914 A72P36F1G Full Panel Conductive 60.00 x 32.00 1524 x 813 72.00 x 36.00 1829 x 914 A72P36F2 Half Panel Painted steel 30.88 x 32.00 784 x 813 72.00 x 36.00 1829 x 914 A72P36F2G Half Panel Conductive 30.88 x 32.00 784 x 813 72.00 x 36.00 1829 x 914 A90P36F1 Full Panel Painted steel 78.00 x 32.00 1981 x 813 90.00 x 36.00 2286 x 914 A90P36F1G Full Panel Conductive 78.00 x 32.00 1981 x 813 90.00 x 36.00 2286 x 914 A90P36F2 Half Panel Painted steel 39.88 x 32.00 1013 x 813 90.00 x 36.00 2286 x 914 A90P36F2G Half Panel Conductive 39.88 x 32.00 1013 x 813 90.00 x 36.00 2286 x 914 Use combinations of panels for 3-5 door A 28 enclosures. |
Similar Part No. - A18P18PP |
|
Similar Description - A18P18PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |