Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A18P18PP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A18P18PP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A18P18PP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A18P18PP Datasheet HTML 4Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 5Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 6Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 9Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 10Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 11Page - List of Unclassifed Manufacturers A18P18PP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION
accessories
8
Catalog Number
Material
Panel Size
D x E (in.)
Panel Size
D x E (mm)
Panel Gauge
or Thickness
Edge
Flanges
T (in.)
T (mm)
Number
of Holes
A42P42G
Conductive steel
39.00 x 39.00
991 x 991
12 ga.
4
0.75
19
8
A48P24
Painted steel
45.00 x 21.00
1143 x 533
12 ga.
2
0.75
19
6
A48P24G
Conductive steel
45.00 x 21.00
1143 x 533
12 ga.
2
0.75
19
6
A48P30
Painted steel
45.00 x 27.00
1143 x 686
12 ga.
4
0.75
19
6
A48P30G
Conductive steel
45.00 x 27.00
1143 x 686
12 ga.
4
0.75
19
6
A48P36
Painted steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36G
Conductive steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36SS6
Stainless Steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36AL
Aluminum
45.00 x 33.00
1143 x 838
0.10 in./3 mm
4
0.75
19
8
A48P42
Painted steel
45.00 x 39.00
1143 x 991
12 ga.
4
0.75
19
8
A48P42G
Conductive steel
45.00 x 39.00
1143 x 991
12 ga.
4
0.75
19
8
A48P48
Painted steel
44.00 x 44.00
1118 x 1118
10 ga.
4
0.88
22
8
A48P48G
Conductive steel
44.00 x 44.00
1118 x 1118
10 ga.
4
0.88
22
8
A54P42
Painted steel
50.00 x 38.00
1270 x 965
12 ga.
4
0.75
19
8
A54P42G
Conductive steel
50.00 x 38.00
1270 x 965
10 ga.
4
0.75
19
8
A60P24
Painted steel
57.00 x 21.00
1448 x 533
12 ga.
4
0.75
19
6
A60P24G
Conductive steel
57.00 x 21.00
1448 x 533
12 ga.
4
0.75
19
6
A60P30
Painted steel
57.00 x 27.00
1448 x 686
12 ga.
4
0.75
19
6
A60P30G
Conductive steel
57.00 x 27.00
1448 x 686
12 ga.
4
0.75
19
6
A60P36
Painted steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36G
Conductive steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36SS6
Stainless Steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36AL
Aluminum
57.00 x 33.00
1448 x 838
0.10 in./3 mm
4
0.75
19
8
A60BFP42
Painted steel
56.00 x 38.00
1422 x 965
10 ga.
4
0.88
22
10
A60BFP42G
Conductive steel
56.00 x 38.00
1422 x 965
10 ga.
4
0.88
22
10
A60P48
Painted steel
56.00 x 44.00
1422 x 1118
10 ga.
4
0.88
22
12
A60P48G
Conductive steel
56.00 x 44.00
1422 x 1118
10 ga.
4
0.88
22
12
A60P60
Painted steel
56.00 x 56.00
1422 x 1422
10 ga.
4
0.88
22
10
A60P60G
Conductive steel
56.00 x 56.00
1422 x 1422
10 ga.
4
0.88
22
10
A72P36
Painted steel
69.00 x 33.00
1753 x 838
12 ga.
4
0.75
19
8
A72P36G
Conductive steel
69.00 x 33.00
1753 x 838
12 ga.
4
0.75
19
8
A72P60
Painted steel
68.00 x 56.00
1727 x 1422
10 ga.
4
0.88
22
12
A72P60G
Conductive steel
68.00 x 56.00
1727 x 1422
10 ga.
4
0.88
22
12
A72P72
Painted steel
68.00 x 68.00
1727 x 1727
10 ga.
4
0.88
22
10
A72P72G
Conductive steel
68.00 x 68.00
1727 x 1727
10 ga.
4
0.88
22
10


Similar Part No. - A18P18PP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A18P18PP PENTAIR-A18P18PP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A18P18PP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com