Electronic Components Datasheet Search |
|
AD7327 Datasheet(PDF) 8 Page - Analog Devices |
|
AD7327 Datasheet(HTML) 8 Page - Analog Devices |
8 / 37 page Data Sheet AD7327 Rev. B | Page 7 of 36 TIMING SPECIFICATIONS VDD = 12 V to 16.5 V, VSS = −12 V to −16.5 V, VCC = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V to 3.0 V internal/external, TA = TMAX to TMIN. Timing specifications apply with a 32 pF load, unless otherwise noted.1 Table 3. Limit at TMIN, TMAX Description Parameter VCC < 4.75 V VCC = 4.75 V to 5.25 V Unit VDRIVE ≤ VCC fSCLK 50 50 kHz min 10 10 MHz max tCONVERT 16 × tSCLK 16 × tSCLK ns max tSCLK = 1/fSCLK tQUIET 75 60 ns min Minimum time between end of serial read and next falling edge of CS t1 12 5 ns min Minimum CS pulse width t22 25 20 ns min CS to SCLK set-up time; bipolar input ranges (±10 V, ±5 V, ±2.5 V) 45 35 ns min Unipolar input range (0 V to 10 V) t3 26 14 ns max Delay from CS until DOUT three-state disabled t4 57 43 ns max Data access time after SCLK falling edge t5 0.4 × tSCLK 0.4 × tSCLK ns min SCLK low pulse width t6 0.4 × tSCLK 0.4 × tSCLK ns min SCLK high pulse width t7 13 8 ns min SCLK to data valid hold time t8 40 22 ns max SCLK falling edge to DOUT high impedance 10 9 ns min SCLK falling edge to DOUT high impedance t9 4 4 ns min DIN set-up time prior to SCLK falling edge t10 2 2 ns min DIN hold time after SCLK falling edge tPOWER-UP 750 750 ns max Power-up from autostandby 500 500 µs max Power-up from full shutdown/autoshutdown mode, internal reference 25 25 µs typ Power-up from full shutdown/autoshutdown mode, external reference 1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V. 2 When using the 0 V to 10 V unipolar range, running at 500 kSPS throughput rate with t2 at 20 ns, the mark space ratio needs to be limited to 50:50. ADD1 1 2 3 4 5 13 14 15 16 WRITE REG SEL1 REG SEL2 LSB MSB ADD0 SIGN DB11 DB10 DB2 DB1 DB0 t2 t6 t4 t9 t10 t3 t7 t5 t8 t1 tQUIET tCONVERT SCLK CS DOUT THREE- STATE THREE-STATE DIN ADD2 3 IDENTIFICATION BITS DON’T CARE Figure 2. Serial Interface Timing Diagram |
Similar Part No. - AD7327_15 |
|
Similar Description - AD7327_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |