Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS138D Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS138D
Description  Radiation Hardened TTL Input, 3-to-8 Line Decoder/Demultiplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS138D Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS138D Datasheet HTML 1Page - Intersil Corporation ACTS138D Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
December 1997
ACTS138MS
Radiation Hardened
TTL Input, 3-to-8 Line Decoder/Demultiplexer
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . . . . . . . . VIL = 0.8V, VIH = (Vcc/2)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . .20
µA
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
Applications
• Memory Decoding
• Data Routing
• Code Conversion
Description
The Radiation Hardened ACTS138MS is an Inverting 3-to-8
Line Decoder/Demultiplexer with three TTL level binary
select inputs (A0, A1 and A2). If the device is enabled, these
inputs determine which one of the eight normally high out-
puts will go low.
Two active low and one active high enable inputs (E1, E2 and
E3) are provided to make cascaded decoder designs easier
to implement.
The ACTS138MS is fabricated on a CMOS Silicon on Sap-
phire (SOS) process, which provides an immunity to Single
Event Latch-up and the capability of highly reliable perfor-
mance in any radiation environment. These devices offer
significant power reduction and faster performance when
compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACTS138 are
contained in SMD 5962-98535. A “hot-link” is provided
on our homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm
Ordering Information
Pinouts
ACTS138 (SBDIP)
TOP VIEW
ACTS138 (FLATPACK)
TOP VIEW
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962F9853501VEC
ACTS138DMSR-02
-55 to 125
16 Ld SBDIP
CDIP2-T16
N/A
ACTS138D/Sample-02
25
16 Ld SBDIP
CDIP2-T16
5962F9853501VXC
ACTS138KMSR-02
-55 to 125
16 Ld Flatpack
CDFP4-F16
N/A
ACTS138K/Sample-02
25
16 Ld Flatpack
CDFP4-F16
N/A
ACTS138HMSR-02
25
Die
N/A
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
Y7
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y0
A0
A1
A2
E1
E2
E3
Y7
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
File Number
4460
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACTS138D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10D INTERSIL-ACTS10D Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10DMSR INTERSIL-ACTS10DMSR Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10HMSR INTERSIL-ACTS10HMSR Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10K INTERSIL-ACTS10K Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10KMSR INTERSIL-ACTS10KMSR Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
More results

Similar Description - ACTS138D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Intersil Corporation
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com