Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLS25ZD Datasheet(PDF) 2 Page - Power-One

Part # QLS25ZD
Description  Distributed power architectures
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS25ZD Datasheet(HTML) 2 Page - Power-One

  QLS25ZD Datasheet HTML 1Page - Power-One QLS25ZD Datasheet HTML 2Page - Power-One QLS25ZD Datasheet HTML 3Page - Power-One QLS25ZD Datasheet HTML 4Page - Power-One QLS25ZD Datasheet HTML 5Page - Power-One QLS25ZD Datasheet HTML 6Page - Power-One QLS25ZD Datasheet HTML 7Page - Power-One QLS25ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEP 12, 2003 revised to OCT 26, 2006
Page 2 of 8
www.power-one.com
QLS25 DC-DC Series Data Sheet
25A Quarter-Brick
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely effect long-
term reliability, and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Input voltage
Continuous
Transient, 100ms
75
100
VDC
VDC
Operating Temperature
PC Board Temperature
-40
100
°C
Storage Temperature
-40
125
°C
ON/OFF Control Voltage
Referenced to -Vin
50
VDC
Environmental and Mechanical Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shock
Halfsine wave, 3 axes
50
g
Sinusoidal Vibration
GR-63-Core, Section 5.4.2
1
g
Weight
1.2/35
Oz/g
Water Washing
Standard process
Yes
MTBF
Per Bellcore TR-NWT-000332
1,980
kHrs
Isolation Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Basic
Isolation Voltage
1500
VDC
Isolation Resistance
10
MOhm
Isolation Capacitance
1100
pF
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
Continuous
36
48
75
VDC
Turn-On Input Voltage
Ramping Up
33
VDC
Turn-Off Input Voltage
Ramping Down
32
VDC
Turn-On Time
To Output Regulation Band
100% Resistive Load
5
10
mS
Input Reflected Ripple Current
Full Load, 12µH source inductance
60
mA p-p
Inrush Transient
Vin=Vin.max
0.1
A
2s


Similar Part No. - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS30ZA POWER-ONE-QLS30ZA Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZY POWER-ONE-QLS30ZY Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
More results

Similar Description - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
   12Vdc distributed power architectures Mid-End Blade Network Equipment
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com