Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7205S30L Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7205S30L
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7205S30L Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7205S30L Datasheet HTML 6Page - Integrated Device Technology IDT7205S30L Datasheet HTML 7Page - Integrated Device Technology IDT7205S30L Datasheet HTML 8Page - Integrated Device Technology IDT7205S30L Datasheet HTML 9Page - Integrated Device Technology IDT7205S30L Datasheet HTML 10Page - Integrated Device Technology IDT7205S30L Datasheet HTML 11Page - Integrated Device Technology IDT7205S30L Datasheet HTML 12Page - Integrated Device Technology IDT7205S30L Datasheet HTML 13Page - Integrated Device Technology IDT7205S30L Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5.04
10
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OPERATING MODES:
Care must be taken to assure that the appropriate flag is
monitored by each system (i.e.
FF is monitored on the device
where
W is used; EF is monitored on the device where R is
used). For additional information, refer to Tech Note 8:
Oper-
ating FIFOs on Full and Empty Boundary Conditions and
Tech Note 6:
Designing with FIFOs.
Single Device Mode
A single IDT7203/7204/7205/7206 may be used when the
application requirements are for 2048/4096/8192/16384 words
or less. The IDT7203/7204/7205/7206 is in a Single Device
Configuration when the Expansion In (
XI) control input is
grounded (see Figure 12).
Depth Expansion
The IDT7203/7204/7205/7206 can easily be adapted to
applications when the requirements are for greater than 2048/
4096/8192/16384 words. Figure 14 demonstrates Depth Ex-
pansion using three IDT7203/7204/7205/7206s. Any depth
can be attained by adding additional IDT7203/7204/7205/
7206s. The IDT7203/7204/7205/7206 operates in the Depth
Expansion mode when the following conditions are met:
1. The first device must be designated by grounding the First
Load (
FL) control input.
2. All other devices must have
FL in the HIGH state.
3. The Expansion Out (
XO) pin of each device must be tied to
the Expansion In (
XI) pin of the next device. See Figure 14.
4. External logic is needed to generate a composite Full Flag
(
FF) and Empty Flag (EF). This requires the ORing of all
EFs and ORing of all FFs (i.e. all must be set to generate the
correct composite
FF or EF). See Figure 14.
5. The Retransmit (
RT) function and Half-Full Flag (HF) are
not available in the Depth Expansion Mode.
For additional information, refer to Tech Note 9:
Cascading
FIFOs or FIFO Modules.
USAGE MODES:
Width Expansion
Word width may be increased simply by connecting the
corresponding input control signals of multiple devices. Sta-
tus flags (
EF, FF and HF) can be detected from any one device.
Figure 13 demonstrates an 18-bit word width by using two
IDT7203/7204/7205/7206s. Any word width can be attained
by adding additional IDT7203/7204/7205/7206s (Figure 13).
Bidirectional Operation
Applications which require data buffering between two
systems (each system capable of Read and Write operations)
can be achieved by pairing IDT7203/7204/7205/7206s as
shown in Figure 16. Both Depth Expansion and Width Expan-
sion may be used in this mode.
Data Flow-Through
Two types of flow-through modes are permitted, a read
flow-through and write flow-through mode. For the read flow-
through mode (Figure 17), the FIFO permits a reading of a
single word after writing one word of data into an empty FIFO.
The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W, called the first write edge, and it remains on the bus
until the
R line is raised from LOW-to-HIGH, after which the
bus would go into a three-state mode after tRHZ ns. The
EF line
would have a pulse showing temporary deassertion and then
would be asserted.
In the write flow-through mode (Figure 18), the FIFO
permits the writing of a single word of data immediately after
reading one word of data from a full FIFO. The
R line causes
the
FF to be deasserted but the W line being LOW causes it to
be asserted again in anticipation of a new data word. On the
rising edge of
W, the new word is loaded in the FIFO. The W
line must be toggled when
FF is not asserted to write new data
in the FIFO and to increment the write pointer.
Compound Expansion
The two expansion techniques described above can be
applied together in a straightforward manner to achieve large
FIFO arrays (see Figure 15).
W
R
XI
WRITE TO
FIRST PHYSICAL
LOCATION
t XIS
READ FROM
FIRST PHYSICAL
LOCATION
t XIS
t XI
t XIR
2661 drw 11
Figure 11. Expansion In


Similar Part No. - IDT7205S30L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7205 IDT-IDT7205 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205 IDT-IDT7205 Datasheet
213Kb / 14P
   First-In/First-Out Dual-Port memory
IDT7205 IDT-IDT7205 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205L12DG IDT-IDT7205L12DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205L12DGI IDT-IDT7205L12DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7205S30L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com