Electronic Components Datasheet Search |
|
AD7441 Datasheet(PDF) 10 Page - Analog Devices |
|
AD7441 Datasheet(HTML) 10 Page - Analog Devices |
10 / 25 page AD7441/AD7451 Rev. D | Page 9 of 24 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS VDD SCLK SDATA CS 8 7 6 5 VREF 1 VIN+ 2 VIN– 3 GND 4 AD7441/ AD7451 TOP VIEW (Not to Scale) Figure 5. 8-Lead MSOP Pin Configuration VREF VIN+ VIN– GND 8 7 6 5 VDD 1 SCLK 2 SDATA 3 CS 4 AD7441/ AD7451 TOP VIEW (Not to Scale) Figure 6. 8-Lead SOT-23 Pin Configuration Table 5. Pin Function Descriptions Pin. No. Mnemonic Description MSOP SOT-23 1 8 VREF Reference Input for the AD7441/AD7451. An external reference in the range of 100 mV to VDD must be applied to this input. The specified reference input is 2.5 V. This pin is decoupled to GND with a capacitor of at least 0.1 μF. 2 7 VIN+ Noninverting Analog Input. 3 6 VIN– Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to ground or to a dc offset to provide a pseudo ground. 4 5 GND Analog Ground. Ground reference point for all circuitry on the AD7441/AD7451. All analog input signals and any external reference signal are referred to this GND voltage. 5 4 CS Chip Select. Active low logic input. This input provides the dual function of initiating a conversion on the AD7441/AD7451 and framing the serial data transfer. 6 3 SDATA Serial Data, Logic Output. The conversion result from the AD7441/AD7451 is provided on this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream of the AD7451 consists of four leading zeros followed by the 12 bits of conversion data that are provided MSB first; the data stream of the AD7441 consists of four leading zeros, followed by the 10 bits of con- version data, followed by two trailing zeros. In both cases, the output coding is straight (natural) binary. 7 2 SCLK Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the clock source for the conversion process. 8 1 VDD Power Supply Input. VDD is 2.7 V to 5.25 V. This supply is decoupled to GND with a 0.1 μF capacitor and a 10 μF tantalum capacitor. |
Similar Part No. - AD7441_15 |
|
Similar Description - AD7441_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |