Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS373KMSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # ACTS373KMSR
Description  Radiation Hardened Octal Transparent Latch, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS373KMSR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ACTS373KMSR Datasheet HTML 2Page - Intersil Corporation ACTS373KMSR Datasheet HTML 3Page - Intersil Corporation ACTS373KMSR Datasheet HTML 4Page - Intersil Corporation ACTS373KMSR Datasheet HTML 5Page - Intersil Corporation ACTS373KMSR Datasheet HTML 6Page - Intersil Corporation ACTS373KMSR Datasheet HTML 7Page - Intersil Corporation ACTS373KMSR Datasheet HTML 8Page - Intersil Corporation ACTS373KMSR Datasheet HTML 9Page - Intersil Corporation ACTS373KMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Specifications ACTS373MS
Spec Number
518800
Pulse Width, Setup, Hold Timing Diagram Positive Edge Trigger and AC Load Circuit
Three-State High Timing Diagram and Load Circuit
Three-State Low Timing Diagram and Load Circuit
INPUT
VIL
VIL
VS
VIH
INPUT CP
VIH
TH = HOLD TIME
TSU = SETUP TIME
TW = PULSE WIDTH
TW
TSU
TH
TW
VS
DUT
TEST
CL
RL
POINT
50pF
500
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
TPHZ
INPUT
VS
TPZH
VT
VIH
VSS
VOH
VOZ
OUTPUT
VW
DUT
TEST
CL
RL
POINT
50pF
500
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
GND
0
V
TPLZ
INPUT
VS
TPZL
VT
VIH
VSS
VOZ
VOL
OUTPUT
VW
CL
RL
DUT
TEST
POINT
VCC
500
50pF
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
0.90
V
GND
0
V


Similar Part No. - ACTS373KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS373KMSR RENESAS-ACTS373KMSR Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results

Similar Description - ACTS373KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com