Selected language     English  ▼


C-103-PM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. C-103-PM
Description  8 and 11 Pin Square Base Sockets, DIN Rail Mountable
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
5
Custom Connector Corporation • 1738 E. 30th, Cleveland, OH 44114 • 216/241-1679 • Fax 216/241-5529
E-mail: sales@customconnector.com • Web: www.customconnector.com
TM
ST SERIES
RELAY SOCKETS
DESCRIPTION
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
ELECTRICAL RATING
• 300 Volts, 15 Amps
CONSTRUCTION
Contacts
• Brass, Nickel Plated
Screws
• Binder Head, 6 - 32 x 1/4”
Steel, Zinc Plated
• Pressure Clamp, 6 - 32 X 5/16” Steel
Zinc Plated, Wire Range #12 - #22
Solid or Stranded
Molding
• Break Resistant Thermoplastic
Black Standard, Grey Available
AGENCY APPROVALS
• UL recognized, File No. E60008
• CSA certified, File No. LR29513
• CE
ORDERING CODE
PART NO.
DESCRIPTION
TERMINAL TYPE
ST08
DPDT, 8 Pin Blade
Binder Head Screws
ST08-PC
DPDT, 8 Pin Blade
Pressure Clamp Screws
ST11
3PDT, 11 Pin Blade
Binder Head Screws
ST11-PC
3PDT, 11 Pin Blade
Pressure Clamp Screws
ACCESSORIES
PART NO.
DESCRIPTION (Refer to the accessories pages 25-27))
C-103-PM
Prepunched Aluminum DIN Rail (1 Meter Lengths)
C-104-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-105-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-106-2PM
Prepunched Steel DIN Rail (2 Meter Lengths)
C-108-PM
Prepunched Raised Aluminum DIN Rail (1 Meter Lengths)
C-108-2PM
Prepunched Raised Aluminum DIN Rail (2 Meter Lengths)
HDB-8
Hold Down Spring
ST SERIES NOTE:
Terminals 2,5 and 8 omitted on
DPDT, 8 Pin models
B
TERMINAL LOCATION
TOP VIEW
8
9
7
BA
29513
IN
MADE
USA
65
4
1
2
3
A
987
TYP.
TYP.
1.550 [39.37]
1.703 [43.26]
.156 [3.96]
1.030 [26.16]
.390 [9.91]
1.500 [38.10]
3.000 [76.20]
.317 [8.04]
CUSTOM CONNECTOR
®
®




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl