Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5341B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMBJ5341B
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ5341B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMBJ5341B Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ5341B Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ5341B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMBJ5333B thru SMBJ5363B
Document Number: SMBJ5333B thru SMBJ5363B
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
Devices listed above with B suffix have ±5% tolerance, A suffix designates ±10% tolerance, C suffix designates ±2%
tolerance, and D suffix designates ±1% tolerance. No suffix designates ±20%.
2.
Zener voltage (VZ) is measured at TL=25°C (+8,-2°C). Voltage measurement to be performed at 40±10 milliseconds after
application of dc current.
3.
The zener impedance is derived from 1 kHZ ac voltage resulting from an ac current modulation having an rms value equal to
10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK.
4.
The maximum current (IZM) shown is for a ±5% tolerance devices. The IZM for other tolerances can be calculated using the
formula: IZM=P/VZM where VZM is the VZ at the high end of the voltage tolerance specified and P is the rated power for the
method of mounting.
5.
The surge current (IZSM) is specified as the maximum peak of a non-recurrent half-sine wave of 8.3ms duration.
6.
Voltage regulation (△VZ) is the difference between the voltage measured at 10% and 50% of IZM.
Type
Number
Regulator
Voltage
VZ @ IZT
Test
Current
Maximum
Dynamic
Impedance
(A&B
Suffix)
Maximum
Knee
Impedance
ZZk @
1.0mA
(A,B,C,D
Suffix)
Maximum
Reverse
Current
IR @ VR
Test
Voltage
(Non-
Suffix
& A
Suffix)
Test
Voltage
(B,C,D
Suffix)
Maximum
Regulator
Current
(B,C,D
Suffix)
Maximum
Surge
Current
(IZSM)
Maximum
Voltage
Regulation
(
△ VZ)
(A,B,C,D
Suffix)
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IR
(µA)
VR
(V)
VR
(V)
IZM
(mA)
IZSM
(A)
△ VZ
(V)
SMBJ5333B
SMBJ5334B
SMBJ5335B
SMBJ5336B
3.3
3.6
3.9
4.3
380
350
320
290
3.0
2.5
2.0
2.0
400
500
500
500
300
150
50
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1440
1320
1220
1100
20.0
18.7
17.6
16.4
0.85
0.80
0.54
0.49
SMBJ5337B
SMBJ5338B
SMBJ5339B
SMBJ5340B
4.7
5.1
5.6
6.0
260
240
220
200
2.0
1.5
1.0
1.0
450
400
400
300
5.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
1.0
1.0
2.0
3.0
1010
930
865
790
15.3
14.4
13.4
12.7
0.44
0.39
0.25
0.19
SMBJ5341B
SMBJ5342B
SMBJ5343B
SMBJ5344B
6.2
6.8
7.5
8.2
200
175
175
150
1.0
1.0
1.5
1.5
200
200
200
200
1.0
10
10
10
3.0
4.9
5.4
5.9
3.0
5.2
5.7
6.2
765
700
630
580
12.4
11.5
10.7
10.0
0.10
0.15
0.15
0.20
SMBJ5345B
SMBJ5346B
SMBJ5347B
SMBJ5348B
8.7
9.1
10
11
150
150
125
125
2.0
2.0
2.0
2.5
200
150
125
125
10
7.5
5.0
5.0
6.25
6.6
7.2
8.0
6.6
6.9
7.6
8.4
545
520
475
430
9.5
9.2
8.6
8.0
0.20
0.22
0.22
0.25
SMBJ5349B
SMBJ5350B
SMBJ5351B
SMBJ5352B
12
13
14
15
100
100
100
75
2.5
2.5
2.5
2.5
125
100
75
75
2.0
1.0
1.0
1.0
8.6
9.4
10.1
10.8
9.1
9.9
10.6
11.5
395
365
340
315
7.5
7.0
6.7
6.3
0.25
0.25
0.25
0.25
SMBJ5353B
SMBJ5354B
SMBJ5355B
SMBJ5356B
16
17
18
19
75
70
65
65
2.5
2.5
2.5
3.0
75
75
75
75
1.0
0.5
0.5
0.5
11.5
12.2
13.0
13.7
12.2
12.9
13.7
14.4
295
280
264
250
6.0
5.8
5.5
5.3
0.30
0.35
0.40
0.40
SMBJ5357B
SMBJ5358B
SMBJ5359B
SMBJ5360B
20
22
24
25
65
50
50
50
3.0
3.5
3.5
4.0
75
75
100
110
0.5
0.5
0.5
0.5
14.4
15.8
17.3
18.0
15.2
16.7
18.2
19.0
237
216
198
190
5.1
4.7
4.4
4.3
0.40
0.45
0.55
0.55
SMBJ5361B
SMBJ5362B
SMBJ5363B
27
28
30
50
50
40
5.0
6.0
8.0
120
130
140
0.5
0.5
0.5
19.4
20.1
21.6
20.6
21.2
22.8
176
170
158
4.1
3.9
3.7
0.60
0.60
0.60
打印无效


Similar Part No. - SMBJ5341B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5341B MCC-SMBJ5341B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
SMBJ5341B MCC-SMBJ5341B Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Microsemi Corporation
SMBJ5341B MICROSEMI-SMBJ5341B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5341B TGS-SMBJ5341B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5341B SYNSEMI-SMBJ5341B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBJ5341B

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com