Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7523JN Datasheet(PDF) 2 Page - Intersil Corporation

Part # AD7523JN
Description  8-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7523JN Datasheet(HTML) 2 Page - Intersil Corporation

  AD7523JN Datasheet HTML 1Page - Intersil Corporation AD7523JN Datasheet HTML 2Page - Intersil Corporation AD7523JN Datasheet HTML 3Page - Intersil Corporation AD7523JN Datasheet HTML 4Page - Intersil Corporation AD7523JN Datasheet HTML 5Page - Intersil Corporation AD7523JN Datasheet HTML 6Page - Intersil Corporation AD7523JN Datasheet HTML 7Page - Intersil Corporation AD7523JN Datasheet HTML 8Page - Intersil Corporation AD7523JN Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10-9
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . +17V
VREF. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
Digital Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . V+ to GND
Output Voltage Compliance . . . . . . . . . . . . . . . . . . . . -100mV to V+
Operating Conditions
Temperature Range
JN, KN, LN Versions . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature . . . . . . . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = +15V, VREF = +10V, VOUT1 = VOUT2 = 0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
AD7523
AD7533
UNITS
TA 25
oCT
A MIN-MAX
TA 25
oCT
A MIN-MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
SYSTEM PERFORMANCE
Resolution
8
-
8
-
10
-
10
-
Bits
Nonlinearity
J
-10V
≤ VREF ≤ +10V
VOUT1 = VOUT2 = 0V
(Notes 2, 3, 6)
-
±0.2
-
±0.2
-
±0.2
-
±0.2
% of
FSR
K, T
-
±0.1
-
±0.1
-
±0.1
-
±0.1
% of
FSR
L-
±0.05
-
±0.05
-
±0.05
-
±0.05
% of
FSR
Monotonicity
Guaranteed
Guaranteed
Gain Error
All Digital Inputs High
(Note 3)
-
±1.5
-
±1.8
-
±1.4
-
±1.8
% of
FSR
Nonlinearity Tempco
-10V
≤ VREF ≤ + 10V
(Notes 3, 4)
-
±2-
±2-
±2-
±2
ppm of
FSR/oC
Gain Error Tempco
-
±10
-
±10
-
±10
-
±10
ppm of
FSR/oC
Output Leakage Current
(Either Output)
VOUT1 = VOUT2 = 0
-
±50
-
±200
-
±50
-
±200
nA
DYNAMIC CHARACTERISTICS
Power Supply Rejection
V+ = 14.0V to 15.0V
(Note 3)
-
±0.02
-
±0.03
-
±0.005
-
±0.008
% of
FSR/%
of
∆V+
Output Current Settling Time
To 0.2% of FSR,
RL = 100Ω (Note 4)
-
150
-
200
-
600
-
800
ns
Feedthrough Error
VREF = 20VP-P, 200kHz
Sine Wave, All Digital
Inputs Low (Note 4)
-
±1/2
-
±1-
±0.05
-
±0.1
LSB
REFERENCE INPUTS
Input Resistance (Pin 15)
All Digital Inputs High
IOUT1 at Ground (Note 4)
5-5-5-5-
k
-
20
-
20
-
20
-
20
k
Temperature Coefficient
-
-500
-
-500
-
-300
-
-300
ppm/οC
AD7523, AD7533


Similar Part No. - AD7523JN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7523JN INTERSIL-AD7523JN Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7523JN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com