Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLJ90 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMLJ90
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMLJ90 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMLJ90 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMLJ90 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMLJ90 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMLJ90 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMLJ5.0 thru SMLJ170CA
Document Number: SMLJ5.0 thru SMLJ170CA
www.smsemi.com
Feb.29,2012
1
E
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PPPM
Peak pulse power capability with a 10/1000
μs
3000
W
IPPM
Peak pulse current with
a 10/1000μs
SEE TABLE1
A
PM(AV)
Steady state power at TL =45℃ 0.375”(10mm) from body
6.0
W
Steady state power at TA=25℃ when mounted on FR4 PC board with
recommended footprint
1.61
W
IFSM
Peak forward surge current,8.3ms single half sine-wave unidirectional only
200
A
VF
Maximum instantaneous forward voltage at 100A for unidirectional only
3.5
V
RθJL
Thermal resistance junction to lead
17.5
℃/W
RθJA
Thermal resistance junction to ambient
77.5
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
Transient Voltage Suppressor
Breakdown Voltage 5.0 to 170 Volts
Peak Pulse Power
3000 Watts
Features
Breakdown Voltages (VBR) from 5.0 to 170V
3000W peak pulse power capability with a 10/1000
μs
waveform, repetitive rate (duty cycle):0.01%
Fast Response Time
Low incremental surge resistance
Excellent clamping capability
Available in uni-directional and bi-directional
High temperature soldering guaranteed: 265℃ /10
seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg)
tension
Application
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICS, MOSFE, signal lines of sensor units for
consumer, computer, industrial, automotive and
telecommunication
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Body marked with part number
Polarity: Cathode indicated by band
Weight: 0.21g(Approximately)
CASE: SMC (DO214AB)
Dimensions in inches and (millimeters)


Similar Part No. - SMLJ90

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ90 MCC-SMLJ90 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ90 MICROSEMI-SMLJ90 Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Micro Commercial Compon...
SMLJ90 MCC-SMLJ90 Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ90 MICROSEMI-SMLJ90 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
SMLJ90A MICROSEMI-SMLJ90A Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
More results

Similar Description - SMLJ90

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com