Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1774 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1774
Description  SMD Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1774 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1774_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1774_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1774
Features
Reduces Board Space
High hFE
Low VCE(sat)
1. Base
2. Emitter
3. Collecter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -50 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -50μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
Collector-emitter saturation voltage
(Note.1)
VCE(sat) IC=-50 mA, IB=-5mA
-0.5
Base - emitter saturation voltage (Note.1)
VBE(sat) IC=-50 mA, IB=-5mA
-1.2
DC current gain
hFE
VCE= -6V, IC= -1mA
120
560
Collector output capacitance
Cob
VCB= -12V, IE= 0mA,f=1MHz
3.5
5
pF
Transition frequency
fT
VCE= -12V, IC= -2mA,f=30MHz
140
MHz
V
V
nA
Classification of hfe
Type
2SA1774-Q
2SA1774-R
2SA1774-S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


Similar Part No. - 2SA1774_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1774 ETC2-2SA1774_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
2SA1774 SECOS-2SA1774_15 Datasheet
230Kb / 2P
   PNP Silicon General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1774 WINNERJOIN-2SA1774_15 Datasheet
145Kb / 2P
   PNP TRANSISTOR
More results

Similar Description - 2SA1774_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KP00Q03 KEXIN-KP00Q03 Datasheet
794Kb / 7P
   SMD Type
AO3423 KEXIN-AO3423 Datasheet
1Mb / 4P
   SMD Type
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL Datasheet
118Kb / 1P
   Reflow Type (SMD)
logo
ABCO ELECTRONICS CO.LTD
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
   SMD SHIELDED TYPE
logo
Murata Manufacturing Co...
IML-0662N000-T1 MURATA-IML-0662N000-T1 Datasheet
165Kb / 2P
   For SMD TYPE
logo
Soberton Inc.
ST-03BL SOBERTON-ST-03BL Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-03CH SOBERTON-ST-03CH Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-04BT SOBERTON-ST-04BT Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-025BH SOBERTON-ST-025BH Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-A03BLA SOBERTON-ST-A03BLA Datasheet
113Kb / 1P
   Reflow Type (SMD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com