Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7520JD Datasheet(PDF) 2 Page - Intersil Corporation

Part # AD7520JD
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520JD Datasheet(HTML) 2 Page - Intersil Corporation

  AD7520JD Datasheet HTML 1Page - Intersil Corporation AD7520JD Datasheet HTML 2Page - Intersil Corporation AD7520JD Datasheet HTML 3Page - Intersil Corporation AD7520JD Datasheet HTML 4Page - Intersil Corporation AD7520JD Datasheet HTML 5Page - Intersil Corporation AD7520JD Datasheet HTML 6Page - Intersil Corporation AD7520JD Datasheet HTML 7Page - Intersil Corporation AD7520JD Datasheet HTML 8Page - Intersil Corporation AD7520JD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10-8
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . +17V
VREF. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
Digital Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . V+ to GND
Output Voltage Compliance . . . . . . . . . . . . . . . . . . . . -100mV to V+
Operating Conditions
Temperature Ranges
JN, KN, LN Versions . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
JD, KD, LD Versions . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
SD, UD Versions . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
16 Ld PDIP Package . . . . . . . . . . . . . . . .
100
N/A
18 Ld PDIP Package . . . . . . . . . . . . . . . .
90
N/A
CERDIP Package . . . . . . . . . . . . . . . . . .
75
20
Maximum Junction Temperature (Hermetic Package) . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Packages) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
The digital control inputs are zener protected; however, permanent damage may occur on unconnected units under high energy electrostatic fields. Keep
unused units in conductive foam at all times.
Do not apply voltages higher than VDD or less than GND potential on any terminal except VREF and RFEEDBACK.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = +15V, VREF = +10V, TA = 25
oC Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
AD7520/AD7530
AD7521/AD7531
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SYSTEM PERFORMANCE (Note 2)
Resolution
10
10
10
12
12
12
Bits
Nonlinearity
J, S
S Over -55oC to 125oC
(Notes 2, 5) (Figure 3)
--
±0.2
(8-Bit)
--
±0.2
(8-Bit)
% of
FSR
K
T Over -55oC to 125oC
(Figure 2)
--
±0.1
(9-Bit)
--
±0.1
(9-Bit)
% of
FSR
L, U
-10V
≤ VREF ≤ +10V
U Over -55oC to 125oC
(Figure 2)
--
±0.05
(10-Bit)
--
±0.05
(10-Bit)
% of
FSR
Nonlinearity Tempco
-10V
≤ VREF ≤ +10V
(Notes 3, 4)
--
±2-
-
±2
ppm of
FSR/oC
Gain Error
-
±0.3
-
-
±0.3
-
% of
FSR
Gain Error Tempco
-
-
±10
-
-
±10
ppm of
FSR/oC
Output Leakage Current
(Either Output)
Over the Specified
Temperature Range
--
±200
(
±300)
--
±200
(
±300)
nA
DYNAMIC CHARACTERISTICS
Output Current Settling Time
To 0.05% of FSR (All Digital
Inputs Low To High And High
To Low) (Note 4) (Figure 7)
-
1.0
-
-
1.0
-
µs
Feedthrough Error
VREF = 20VP-P, 10kHz
(50kHz) All Digital Inputs Low
(Note 4) (Figure 6)
-
-
10
-
-
10
mVP-P
REFERENCE INPUT
Input Resistance
All Digital Inputs High
IOUT1 at Ground
5
10
20
5
10
20
k
ANALOG OUTPUT
Output Capacitance
IOUT1 All Digital Inputs High
(Note 4) (Figure 5)
-
200
-
-
200
-
pF
IOUT2
-75
-
-75
-
pF
IOUT1 All Digital Inputs Low
(Note 4) (Figure 5)
-75
-
-75
-
pF
IOUT2
-
200
-
-
200
-
pF
AD7520, AD7530, AD7521, AD7531


Similar Part No. - AD7520JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7520JD AD-AD7520JD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520JD INTERSIL-AD7520JD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7520JD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com