Electronic Components Datasheet Search |
|
IDT54244BTE Datasheet(PDF) 3 Page - Integrated Device Technology |
|
IDT54244BTE Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 9 page IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.8 3 PIN DESCRIPTION FUNCTION TABLE ABSOLUTE MAXIMUM RATINGS (1) CAPACITANCE (TA = +25 °C, f = 1.0MHz) Symbol Rating Commercial Military Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +7.0 –0.5 to +7.0 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to VCC +0.5 –0.5 to VCC +0.5 V TA Operating Temperature 0 to +70 –55 to +125 °C TBIAS Temperature Under Bias –55 to +125 –65 to +135 °C TSTG Storage Temperature –55 to +125 –65 to +150 °C PT Power Dissipation 0.5 0.5 W IOUT DC Output Current –60 to +120 –60 to +120 mA 2565 lnk 03 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT- INGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Input and VCC terminals only. 3. Outputs and I/O terminals only. NOTES: 2565 tbl 02 1. H = High Voltage Level X = Don’t Care L = Low Voltage Level Z = High Impedance Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF 2565 lnk 04 NOTE: 1. This parameter is measured at characterization but not tested. Pin Names Description OEA, OEB 3–State Output Enable Inputs (Active LOW) Dxx Inputs Oxx Outputs 2565 tbl 01 Inputs(1) Outputs(1) OE OEA OE OEB D 240 244 540 541 LLL H LH L LL H L H L H H H X ZZZZ |
Similar Part No. - IDT54244BTE |
|
Similar Description - IDT54244BTE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |