Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7492 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 3 Page - Analog Devices

  AD7492_15 Datasheet HTML 1Page - Analog Devices AD7492_15 Datasheet HTML 2Page - Analog Devices AD7492_15 Datasheet HTML 3Page - Analog Devices AD7492_15 Datasheet HTML 4Page - Analog Devices AD7492_15 Datasheet HTML 5Page - Analog Devices AD7492_15 Datasheet HTML 6Page - Analog Devices AD7492_15 Datasheet HTML 7Page - Analog Devices AD7492_15 Datasheet HTML 8Page - Analog Devices AD7492_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7492
Rev. A | Page 3 of 24
SPECIFICATIONS
AD7492-5
VDD = 4.75 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fS = 1.25 MSPS
Signal-to-Noise and Distortion (SINAD)
69
69
dB typ
fIN = 500 kHz sine wave
68
68
dB min
fIN = 100 kHz sine wave
Signal-to-Noise Ratio (SNR)
70
70
dB typ
fIN = 500 kHz sine wave
68
68
dB min
fIN = 100 kHz sine wave
Total Harmonic Distortion (THD)
−83
−83
dB typ
fIN = 500 kHz sine wave
−87
−87
dB typ
fIN = 100 kHz sine wave
−75
−75
dB max
fIN = 100 kHz sine wave
Peak Harmonic or Spurious-Free
Dynamic Noise (SFDR)
−83
−83
dB typ
fIN = 500 kHz sine wave
−90
−90
dB typ
fIN = 100 kHz sine wave
−76
−76
dB max
fIN = 100 kHz sine wave
Intermodulation Distortion (IMD)
Second Order Terms
−82
−82
dB typ
fIN = 500 kHz sine wave
−90
−90
dB typ
fIN = 100 kHz sine wave
Third Order Terms
−71
−71
dB typ
fIN = 500 kHz sine wave
−88
−88
dB typ
fIN = 100 kHz sine wave
Aperture Delay
5
5
ns typ
Aperture Jitter
15
15
ps typ
Full Power Bandwidth
10
10
MHz typ
DC ACCURACY
fS = 1.25 MSPS
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1.25
LSB max
Differential Nonlinearity
+1.5/–0.9
+1.5/−0.9
LSB max
Guaranteed no missed codes to
12 bits (A and B versions)
Offset Error
±9
±9
LSB max
Gain Error
±2.5
±2.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to 2.5
0 to 2.5
V
DC Leakage Current
±1
±1
μA max
Input Capacitance
33
33
pF typ
REFERENCE OUTPUT
REF OUT Output Voltage Range
2.5
2.5
V
±1.5% for specified performance
LOGIC INPUTS
Input High Voltage, VINH2
VDRIVE × 0.7
VDRIVE × 0.7
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL2
VDRIVE × 0.3
VDRIVE × 0.3
V max
VDD = 5 V ± 5%
Input Current, IIN
±1
±1
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
VDRIVE − 0.2
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±10
±10
μA max
Floating-State Output Capacitance
10
10
pF max
Output Coding
Straight (natural)
binary
Straight (natural)
binary


Similar Part No. - AD7492_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Similar Description - AD7492_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com