Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS186LE214 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QS186LE214
Description  WORLD-BEAM QS186LE Laser Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS186LE214 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QS186LE214 Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186LE214 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Class 1 and 2 lasers for use with Banner modulated photoelectric receivers
Self-contained Class 1 or Class 2 modulated visible laser diode emitters
permit higher gain than LEDs and extended range in opposed-mode
sensing systems.
Narrow effective beam provides small-object detection and precise
position control.
Bright spot and multiple shapes provide great visual marking of objects.
10 to 30 V dc operation; third wire extinguishes laser light when
connected to +V correct dc.
Models
Laser Class
Laser Spot Shape
Excess Gain at 15 m (50 ft) 1
Typical Beam Size
QS186LE
Class 1
Small Spot
With receiver Q23SN6R: 7500
See Table 1 on page
2.
With receiver SM31RL: 340
With receiver QS18VN6R: 4500
With receiver VS3AN5R: 2100
With receiver VS2AN5R: 1100
QS186LE10
Circle
-
QS186LE11
Vertical Line
-
QS186LE12
Horizontal Line
-
QS186LE14
Cross
-
QS186LE2
Class 2
Small Spot
With receiver Q23SN6R: 12200
See Table 2 on page
3.
With receiver SM31RL: 1200
With receiver QS18VN6R: 7000
With receiver VS3AN5R: 5500
With receiver VS2AN5R: 3600
QS186LE210
Circle
-
QS186LE211
Vertical Line
-
QS186LE212
Horizontal Line
-
QS186LE214
Cross
-
Standard 2 m (6.5 ft) cable models are listed. To order the 9 m (30 ft) cable model, add suffix "W/30" (QS18LE W/30). To
order the 4-pin Pico-style pigtail QD models, add suffix "Q" (QS18LEQ). To order the 4-pin integral Pico-style QD models,
add suffix "Q7" (QS18LEQ7). To order the 4-pin Euro-style QD pigtail models, add suffix "Q5" (QS18LEQ5). To order the 4-
pin integral Euro-style QD models, add suffix "Q8" (QS18LEQ8).
Models with a QD connector require a mating cable.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
1 Not recommended for dusty or dirty environments; the scattered light would greatly reduce excess gain.
WORLD-BEAM QS186LE Laser Emitter
Original Document
109415 Rev. H
27 March 2014
109415


Similar Part No. - QS186LE214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LE ETC1-QS186LE Datasheet
302Kb / 8P
   Emissores Laser
QS186LE10 ETC1-QS186LE10 Datasheet
302Kb / 8P
   Emissores Laser
QS186LE10 ETC2-QS186LE10 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS186LE10Q8 ETC2-QS186LE10Q8 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS186LE11 ETC1-QS186LE11 Datasheet
302Kb / 8P
   Emissores Laser
More results

Similar Description - QS186LE214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
709Kb / 10P
   WORLD-BEAM QS18
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
Ledil, Inc.
C11249 LEDIL-C11249 Datasheet
1Mb / 7P
   Side emitter beam
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
   Side emitter beam
D12114 LEDIL-D12114 Datasheet
2Mb / 4P
   Side emitter beam
logo
Banner Engineering Corp...
S186ELD BANNER-S186ELD Datasheet
1Mb / 4P
   Laser Diode Emitter
logo
Sensortechnics GmbH
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
   Laser Beam Printer
logo
KODENSHI_AUK CORP.
KDS1001AF2 KODENSHI-KDS1001AF2_06 Datasheet
131Kb / 2P
   Laser beam focusing
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
   ~190째 side emitter beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com