Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656-1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7656-1
Description  250 kSPS, 6-Channel, Simultaneous
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7656-1_15 Datasheet HTML 7Page - Analog Devices AD7656-1_15 Datasheet HTML 8Page - Analog Devices AD7656-1_15 Datasheet HTML 9Page - Analog Devices AD7656-1_15 Datasheet HTML 10Page - Analog Devices AD7656-1_15 Datasheet HTML 11Page - Analog Devices AD7656-1_15 Datasheet HTML 12Page - Analog Devices AD7656-1_15 Datasheet HTML 13Page - Analog Devices AD7656-1_15 Datasheet HTML 14Page - Analog Devices AD7656-1_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7656-1/AD7657-1/AD7658-1
Rev. D | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
AVCC
46
AVCC
45
V5
42
V4
43
AGND
44
AGND
48
V6
41
AVCC
40
AVCC
39
V3
37
AGND
36
V2
35
AVCC
34
AVCC
33
V1
38
AGND
2
DB13
3
DB12
4
DB11
7
DB8/DOUT A
6
DB9/DOUT B
5
DB10/DOUT C
1
DB14/REFBUFEN/DIS
8
DGND
9
VDRIVE
10
DB7/HBEN/DCEN
12
DB5/DCIN A
13
DB4/DCIN B
14
DB3/DCIN C
15
DB2/SEL C
16
DB1/SEL B
11
DB6/SCLK
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
AD7656-1/AD7657-1/AD7658-1
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
54, 56, 58
REFCAPA, REFCAPB,
REFCAPC
Reference Capacitor A, Reference Capacitor B, and Reference Capacitor C. Decoupling capacitors are
connected to these pins to decouple the reference buffer for each ADC pair. Decouple each REFCAP pin
to AGND using a 1 µF capacitor.
33, 36, 39,
42, 45, 48
V1 to V6
Analog Input 1 to Analog Input 6. These pins are single-ended analog inputs. In hardware mode,
the analog input range of these channels is determined by the RANGE pin. In software mode, it is
determined by the RNGC to RNGA bits of the control register (see Table 11).
32, 37, 38, 43,
44, 49, 52, 53,
55, 57, 59
AGND
Analog Ground. This pin is the ground reference point for all analog circuitry on the AD7656-1/
AD7657-1/AD7658-1. Refer all analog input signals and external reference signals to this pin.
Connect all AGND pins to the AGND plane of the system. The AGND and DGND voltages should
ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
26
DVCC
Digital Power, 4.75 V to 5.25 V. The DVCC and AVCC voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis. Decouple this supply to DGND by
placing a 1 µF decoupling capacitor on the DVCC pin.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the operating voltage of the
interface. This pin is nominally at the same supply as the supply of the host interface.
8, 25
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7656-1/AD7657-1/
AD7658-1. Connect both DGND pins to the DGND plane of a system. The DGND and AGND voltages
should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient
basis.
34, 35, 40,
41, 46, 47,
50, 60
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC cores. The AVCC and
DVCC voltages should ideally be at the same potential and must not be more than 0.3 V apart, even
on a transient basis.
21, 22, 23
CONVST C,
CONVST B, CONVST A
Conversion Start Input A, Conversion Start Input B, and Conversion Start Input C. These logic inputs
are used to initiate conversions on the ADC pairs. CONVST A is used to initiate simultaneous conversions
on V1 and V2. CONVST B is used to initiate simultaneous conversions on V3 and V4. CONVST C is
used to initiate simultaneous conversions on V5 and V6. When one of these pins switches from low
to high, the track-and-hold switch on the selected ADC pair switches from track to hold, and the
conversion is initiated. These inputs can also be used to place the ADC pairs into partial power-
down mode.


Similar Part No. - AD7656-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
More results

Similar Description - AD7656-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7658-1 AD-AD7658-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657 AD-AD7657_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656 AD-AD7656_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657-1 AD-AD7657-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658 AD-AD7658_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com