Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA0324E Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA0324E
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0324E Datasheet(HTML) 3 Page - Intersil Corporation

  CA0324E Datasheet HTML 1Page - Intersil Corporation CA0324E Datasheet HTML 2Page - Intersil Corporation CA0324E Datasheet HTML 3Page - Intersil Corporation CA0324E Datasheet HTML 4Page - Intersil Corporation CA0324E Datasheet HTML 5Page - Intersil Corporation CA0324E Datasheet HTML 6Page - Intersil Corporation CA0324E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Schematic Diagram (One of Four Operational Amplifiers)
Output
Voltage
Swing
RL =2kΩ
25
0-
V+ -1.5
0-
V+ -1.5
-
-
-
V
High
Level
RL = 2kΩ, V+ = 30V
Full
26
-
-
26
-
-
-
-
-
V
RL = 2kΩ, V+ = 26V
Full
---
---
22
--
V
RL =10kΩ, V+ = 30V
Full
27
28
-
27
28
-
23
28
-
V
Low
Level
RL =10kΩ
Full
-5
20
-5
20
-5
100
mV
Output
Current
Source
VI+=+1V, VI-= 0V,
V+ = 15V
25
20
40
-
20
40
-
-
-
-
mA
VI+=1V, VI-= 0,
V+ = 15V
Full
10
20
-
10
20
-
10
20
-
mA
Sink
VI+=0V, VI-= 1V,
V+ = 15V
25
10
20
-
10
20
-
-
-
-
mA
VI+=0V, VI-= 1V,
VO =200mV
25
12
50
-
12
50
-
-
-
-
µA
VI-= 1V, VI+=0,
V+ = 15V
Full
58
-
5
8
-
58
-
mA
Crosstalk
f = 1 to 20kHz
(Input Referred)
25
-
-120
-
-
-120
-
-
-
-
dB
Total Supply
Current
RL =
Full
-0.8
2
-
0.8
2
-0.7
1.2
mA
RL = , V+ = 26V
Full
---
---
-
1.5
3
mA
NOTES:
4. Due to the PNP input stage the direction of the input current is out of the IC. No loading change exists on the input lines because the current is
essentially constant, independent of the state of the output.
5. The input signal voltage and the input common mode voltage should not be allowed to go negative by more than 0.3V. The positive limit of the
common mode voltage range is V+ - 1.5V, but either or both inputs can go to +32V without damage.
6. VO =1.4V, RS =0Ω with V+ from 5V to 30V, and over the full input common mode voltage range (0V to V+ - 1.5V).
Electrical Specifications
Values Apply for Each Operational Amplifier. Supply Voltage V+ = 5V, V- = 0V,
Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP.
(oC)
CA124
CA224, CA324, LM324
LM2902
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
11
3
2
4
1
6
5
+
-
2
7
9
10
+
-
3
8
13
12
+
-
4
4
TO 2, 3, 4
TO 2, 3, 4
VO
RSC
Q6
Q5
Q7
Q12
50
µA
100
µA
Q11
Q10
CCOMP
4
µA
6
µA
Q9
Q4
Q3
Q2
V+
Q8
Q1
INPUTS
-
+
Q13
V-
CA124, CA224, CA324, LM324, LM2902


Similar Part No. - CA0324E

ManufacturerPart #DatasheetDescription
logo
Lumberg
CA03 LUMBERG-CA03 Datasheet
236Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
CA03 LUMBERG-CA03 Datasheet
242Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
CA03 LUMBERG-CA03 Datasheet
387Kb / 3P
   Tools and harnessing machines
logo
Intersil Corporation
CA0339E INTERSIL-CA0339E Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA0339E INTERSIL-CA0339E Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
More results

Similar Description - CA0324E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com