Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD10-R47-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # SD10-R47-R
Description  SD Series High Power Density, Low Profile, Shielded Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD10-R47-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  SD10-R47-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 4Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 5Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 6Page - Cooper Bussmann, Inc. SD10-R47-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Direction of feed
Ko
SECTION A-A
1.5 Dia
min.
Bo
B
Ao
A
8.0
8 0
4.00
2.00
± 0.05
1.5 Dia.
+0.1/-0.0
A
A
1.75
5.50
12.0
+/-0.3
0
1
2
SD20/25 Series
Dimensions are in millimeters.
Direction of feed
Ko
SECTION A-A
1.5 Dia
min.
Bo
Ao
8.0
4.00
2.00
± 0.05
1.5 Dia.
+0.1/-0.0
A
A
1.75
5.50
12.0
+/-0.3
1
2
SD12/14/18 Series
Packaging Information
ACTUAL SIZE
SD12
ACTUAL SIZE
SD14
ACTUAL SIZE
SD18
ACTUAL SIZE
SD20
ACTUAL SIZE
SD25
SD Series
High Power Density,
Low Profile, Shielded Inductors
Ao=5.45mm
Bo=5.45mm
Ko=2.00mm
Parts packaged on 13" Diameter reel,
3,800 parts per reel.
Direction of feed
Ko
SECTION A-A
1.5 Dia
min.
Bo
B
Ao
A
8.0
4.00
2.00
2
± 0.05
1.5 Dia.
+0.1/-0.0
A
A
1.75
5.50
12.0
+/-0.3
0
1
2
SD10 Series
ACTUAL SIZE
SD10
Ao=5.45mm
Bo=5.45mm
Ko=1.20mm
Parts packaged on 13" Diameter reel,
3,800 parts per reel.
Ao=5.45mm
Bo=5.45mm
Ko=2.70mm
Parts packaged on 13" Diameter reel,
2,900 parts per reel.
Mechanical Diagrams
TOP VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
5.2
Max
5.2
Max
a
HT
1.5 Typ.
Ref.
1
2
SIDE VIEW
Pin # 1
identifier
Part marking
(Note A)
2
1
R2.250
2.975
5.950
2.975
2
4 PAD LAYOUT
R2.250
5.95
9
1.0
2.975
2
5.15
2.575
2
2 PAD LAYOUT
5.950
9
(see chart below)
Series
HT
SD10
1.0mm max
SD12
1.2mm max
SD14
1.45mm max
SD18
1.8mm max
SD20
2.0mm max
SD25
2.5mm max
SD Series
A) Part Marking: Line 1: (1st digit indicates the inductance value per part marking
designator in chart above)
(2nd digit is a bi-weekly production date code)
(3rd digit is the last digit of the year produced)
Line 2: XX (indicates the product size code)


Similar Part No. - SD10-R47-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD10-R47-R COOPER-SD10-R47-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD10-R47-R COOPER-SD10-R47-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD10-R47-R EATON-SD10-R47-R Datasheet
746Kb / 9P
   Low profile metalized shielded drum core power inductors
More results

Similar Description - SD10-R47-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD20-100-R COOPER-SD20-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com