Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3080A Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3080A
Description  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3080A Datasheet HTML 2Page - Intersil Corporation CA3080A Datasheet HTML 3Page - Intersil Corporation CA3080A Datasheet HTML 4Page - Intersil Corporation CA3080A Datasheet HTML 5Page - Intersil Corporation CA3080A Datasheet HTML 6Page - Intersil Corporation CA3080A Datasheet HTML 7Page - Intersil Corporation CA3080A Datasheet HTML 8Page - Intersil Corporation CA3080A Datasheet HTML 9Page - Intersil Corporation CA3080A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Top Trace:
Output Signal
5V/Div., 2
µs/Div.
Bottom Trace:
Input Signal
5V/Div., 2
µs/Div.
Center Trace:
Difference of Input and Output Signals Through
Tektronix Amplifier 7A13
5mV/Div., 2
µs/Div.
FIGURE 6. LARGE SIGNAL RESPONSE AND SETTLING TIME FOR CIRCUIT SHOWN IN FIGURE 5
Top Trace:
System Output; 100mV/Div., 500ns/Div.
Bottom Trace:
Sampling Signal; 20V/Div., 500ns/Div.
Top Trace:
Output; 50mV/Div., 200ns/Div.
Bottom Trace:
Input; 50mV/Div., 200ns/Div.
FIGURE 7. SAMPLING RESPONSE FOR CIRCUIT SHOWN IN
FIGURE 5
FIGURE 8. INPUT AND OUTPUT RESPONSE FOR CIRCUIT
SHOWN IN FIGURE 5
FIGURE 9. THERMOCOUPLE TEMPERATURE CONTROL WITH CA3079 ZERO VOLTAGE SWITCH AS THE OUTPUT AMPLIFIER
Typical Applications (Continued)
10
2
7
3
CA3080A
+
-
4
6
5
13
2
6
CA3079
8
4
5
7
9
11
LOAD
120V AC
60Hz
MT2
MT1
5K
4W
50K
6.2K
2K
2K
150K
6.2K
20K
1N914
1N914
RF
100
µF
+
-
G
8
NOTE: All resistors 1/2 watt,
unless otherwise specified.
THERMOCOUPLE
CA3080, CA3080A


Similar Part No. - CA3080A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080A ROCHESTER-CA3080A Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080A RENESAS-CA3080A Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080AE INTERSIL-CA3080AE Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080AE ROCHESTER-CA3080AE Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
More results

Similar Description - CA3080A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com