Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3080AM96 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3080AM96
Description  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080AM96 Datasheet(HTML) 1 Page - Intersil Corporation

  CA3080AM96 Datasheet HTML 1Page - Intersil Corporation CA3080AM96 Datasheet HTML 2Page - Intersil Corporation CA3080AM96 Datasheet HTML 3Page - Intersil Corporation CA3080AM96 Datasheet HTML 4Page - Intersil Corporation CA3080AM96 Datasheet HTML 5Page - Intersil Corporation CA3080AM96 Datasheet HTML 6Page - Intersil Corporation CA3080AM96 Datasheet HTML 7Page - Intersil Corporation CA3080AM96 Datasheet HTML 8Page - Intersil Corporation CA3080AM96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CA3080, CA3080A
2MHz, Operational Transconductance
Amplifier (OTA)
The CA3080 and CA3080A types are Gatable-Gain Blocks
which utilize the unique operational-transconductance-
amplifier (OTA) concept described in Application Note
AN6668, “Applications of the CA3080 and CA3080A High-
Performance Operational Transconductance Amplifiers”.
The CA3080 and CA3080A types have differential input and a
single-ended, push-pull, class A output. In addition, these types
have an amplifier bias input which may be used either for gating
or for linear gain control. These types also have a high output
impedance and their transconductance (gM) is directly
proportional to the amplifier bias current (IABC).
The CA3080 and CA3080A types are notable for their excellent
slew rate (50V/
µs), which makes them especially useful for
multiplexer and fast unity-gain voltage followers. These types
are especially applicable for multiplexer applications because
power is consumed only when the devices are in the “ON”
channel state.
The CA3080A’s characteristics are specifically controlled for
applications such as sample-hold, gain-control, multiplexing,
etc.
Features
• Slew Rate (Unity Gain, Compensated). . . . . . . . . . 50V/
µs
• Adjustable Power Consumption. . . . . . . . . . . . .10
µW to 30µW
• Flexible Supply Voltage Range. . . . . . . . . . . . .
±2V to ±15V
• Fully Adjustable Gain . . . . . . . . . . . . . . . . 0 to gMRL Limit
• Tight gM Spread:
- CA3080. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2:1
- CA3080A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6:1
• Extended gM Linearity . . . . . . . . . . . . . . . . . . . 3 Decades
Applications
• Sample and Hold
• Multiplier
• Multiplexer
• Comparator
• Voltage Follower
Pinouts
CA3080
(PDIP, SOIC)
TOP VIEW
CA3080
(METAL CAN)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3080A
-55 to 125
8 Pin Metal Can
T8.C
CA3080AE
-55 to 125
8 Ld PDIP
E8.3
CA3080AM
(3080A)
-55 to 125
8 Ld SOIC
M8.15
CA3080AM96
(3080A)
-55 to 125
8 Ld SOIC Tape
and Reel
M8.15
CA3080E
0 to 70
8 Ld PDIP
E8.3
CA3080M
(3080)
0 to 70
8 Ld SOIC
M8.15
CA3080M96
(3080)
0 to 70
8 Ld SOIC Tape
and Reel
M8.15
1
2
3
4
8
7
6
5
+
V+
NC
INV.
INPUT
V-
NON-INV.
INPUT
NC
OUTPUT
AMPLIFIER
BIAS INPUT
-
OUTPUT
BIAS
2
4
6
1
3
7
5
8
+
TAB
V+
V-
NON-INV.
INPUT
INV.
INPUT
-
Data Sheet
September 1998
File Number
475.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA3080AM96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080AM96 INTERSIL-CA3080AM96 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080AM96 RENESAS-CA3080AM96 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3080AM96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com