Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA804TC-T1 Datasheet(PDF) 2 Page - NEC

Part # UPA804TC-T1
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA804TC-T1 Datasheet(HTML) 2 Page - NEC

  UPA804TC-T1 Datasheet HTML 1Page - NEC UPA804TC-T1 Datasheet HTML 2Page - NEC UPA804TC-T1 Datasheet HTML 3Page - NEC UPA804TC-T1 Datasheet HTML 4Page - NEC UPA804TC-T1 Datasheet HTML 5Page - NEC UPA804TC-T1 Datasheet HTML 6Page - NEC UPA804TC-T1 Datasheet HTML 7Page - NEC UPA804TC-T1 Datasheet HTML 8Page - NEC UPA804TC-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPA804TC
2
Data Sheet P14549EJ1V0DS00
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 15 V, IE = 0
100
nA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
100
nA
DC Current Gain
hFE
VCE = 5 V, IC = 5 mANote 1
60
200
Gain Bandwidth Product (1)
fT
VCE = 5 V, IC = 5 mA, f = 1 GHz
3.0
5.0
GHz
Feedback Capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHzNote 2
0.9
1.2
pF
Insertion Power Gain (1)
|S21e|2
VCE = 5 V, IC = 5 mA, f = 1 GHz
5.0
dB
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty Cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
FB
GB
Marking
72
73
hFE Value
60 to 120
100 to 200


Similar Part No. - UPA804TC-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA804T NEC-UPA804T Datasheet
52Kb / 8P
   SILICON TRANSISTOR
logo
Renesas Technology Corp
UPA804T RENESAS-UPA804T Datasheet
271Kb / 10P
   SILICON TRANSISTOR
1995
logo
NEC
UPA804T-T1 NEC-UPA804T-T1 Datasheet
52Kb / 8P
   SILICON TRANSISTOR
logo
Renesas Technology Corp
UPA804T-T1 RENESAS-UPA804T-T1 Datasheet
271Kb / 10P
   SILICON TRANSISTOR
1995
More results

Similar Description - UPA804TC-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com