Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3078E Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3078E
Description  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078E Datasheet(HTML) 4 Page - Intersil Corporation

  CA3078E Datasheet HTML 1Page - Intersil Corporation CA3078E Datasheet HTML 2Page - Intersil Corporation CA3078E Datasheet HTML 3Page - Intersil Corporation CA3078E Datasheet HTML 4Page - Intersil Corporation CA3078E Datasheet HTML 5Page - Intersil Corporation CA3078E Datasheet HTML 6Page - Intersil Corporation CA3078E Datasheet HTML 7Page - Intersil Corporation CA3078E Datasheet HTML 8Page - Intersil Corporation CA3078E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Test Circuits
FIGURE 1. TRANSIENT RESPONSE AND SLEW RATE, UNITY
GAIN (INVERTING) TEST CIRCUIT
FIGURE 2. SLEW RATE, UNITY GAIN (NON-INVERTING)
TEST CIRCUIT
FIGURE 3. OFFSET VOLTAGE NULL CIRCUITS
FIGURE 4. INVERTING 20dB AMPLIFIER CIRCUIT
FIGURE 5. NON-INVERTING 20dB AMPLIFIER CIRCUIT
4
1
8
5
7
V+
100k
V+
RSET
CL
VOUT
6
0V
0V
10k
100k
C2
R2
3
VIN
R1
R2 - C2
OPTIONAL
COMP.
R1
C1
+
-
CA3078
CA3078A
V-
51k
2
4
1
8
5
7
2
V+
100k
V+
RSET
CL
VOUT
6
0V
0V
10k
100k
C2
R2
3
VIN
R1
R2 - C2
OPTIONAL
COMP.
R1
C1
+
-
CA3078
CA3078A
V-
7
+
-
CA3078
CA3078A
4
V+
OUTPUT
6
2
V-
INPUT
NON-INVERTING
RI
RB
RI
RF
1M
V-
V+
3
Value of RB required to have a
null adjustment range of
±7.5mV
RI RF V+
RB
RI RF
assuming RB > >
RI + RF
(RI + RF) 7.5 x 10
-3
7
-
+
CA3078
CA3078A
4
V+
OUTPUT
6
3
V-
INPUT
INVERTING
RI
RB
RF
1M
V-
V+
2
Value of RB required to have a
null adjustment range of
±7.5mV
RI V+
RB
assuming RB > > RI
7.5 x 10-3
4
1
7
RSET =
7pF
8
5
-
CA3078
CA3078A
+
30M
10M
510k
10M
2
RL
1.5V
“AA” CELL
+
5
µF
+
-
5.1M
6
3
1
µF
VP-P
4
1
7
RSET =
7pF
8
5
-
CA3078
CA3078A
+
30M
10M
510k
10M
2
RL
1.5V
“AA” CELL
+
5
µF
+
-
5.1M
6
3
1
µF
VP-P
1
µF
CA3078, CA3078A


Similar Part No. - CA3078E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078E INTERSIL-CA3078E Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078E ROCHESTER-CA3078E Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

Similar Description - CA3078E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com