Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3080M Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA3080M
Description  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080M Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA3080M Datasheet HTML 3Page - Intersil Corporation CA3080M Datasheet HTML 4Page - Intersil Corporation CA3080M Datasheet HTML 5Page - Intersil Corporation CA3080M Datasheet HTML 6Page - Intersil Corporation CA3080M Datasheet HTML 7Page - Intersil Corporation CA3080M Datasheet HTML 8Page - Intersil Corporation CA3080M Datasheet HTML 9Page - Intersil Corporation CA3080M Datasheet HTML 10Page - Intersil Corporation CA3080M Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 18. PEAK OUTPUT VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 19. AMPLIFIER SUPPLY CURRENT vs AMPLIFIER
BIAS CURRENT
FIGURE 20. TOTAL POWER DISSIPATION vs AMPLIFIER BIAS
CURRENT
FIGURE 21. TRANSCONDUCTANCE vs AMPLIFIER BIAS
CURRENT
FIGURE 22. LEAKAGE CURRENT TEST CIRCUIT
FIGURE 23. LEAKAGE CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
SUPPLY VOLTS: VS = ±15V
TA = 25
oC
LOAD RESISTANCE =
15
14.5
14
13.5
13
0
-13
-13.5
-14
-14.5
-15
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
V+OM
V+CMR
V-OM
V-CMR
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
125oC
104
103
102
10
1
0.1
125oC
-55oC, 25oC
TA = 25
oC
VS = ±15V
VS = ±6V
VS = ±3V
105
104
103
102
10
1
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
105
104
103
102
10
1
125oC
2
3
4
6
1
CA3080, A
5
7
36V
0V
TEST POINT
(VTP)
+36V
-50
0
25
75
125
TEMPERATURE (oC)
SUPPLY VOLTS: VS = ±15V
100
10
1
0.1
0.01
V2 = V3 = V6 = 36V
0V
-25
50
100
CA3080, CA3080A


Similar Part No. - CA3080M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080M INTERSIL-CA3080M Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080M ROCHESTER-CA3080M Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080M RENESAS-CA3080M Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080M96 INTERSIL-CA3080M96 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080M96 RENESAS-CA3080M96 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3080M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com